| Electronic Components Datasheet Search |
|
MS400 Datasheet(PDF) 39 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
MS400 Datasheet(HTML) 39 Page - Extech Instruments Corporation. |
|
39 / 51 page ![]() MS400 Version 2.0 – December 2007 39 XY Mode With the XY mode selected, CH1 is displayed on the horizontal axis and CH2 displayed on the vertical axis. When the oscilloscope is in a sampling mode in which no trigger is found, the data appear as light spots. Operation of various control keys: ■ CH1 Volts and CH1 Zero for CH1 are used to set the horizontal scale and position. ■ CH2 Volts and CH2 Zero for CH2 are used to set the vertical scale and position. The following functions do not work in the XY display mode: ■ Reference or digital value waveform ■ Cursor ■ Auto Setting ■ Time base control ■ Trigger control Waveform Saving Setup The oscilloscope can save four (4) Waveforms all of which can be displayed on the screen with the present Waveform. The recalled Waveform saved in the memory cannot be adjusted. The waveform saving /recalling menu is described in the following list. Function menu Setups Description Signal source CH1 CH2 MATH Select the displayed Waveform to save. Address A, B, C and D Select the address for saving or recalling a Waveform. Saving Store the Waveform of a selected signal source into the selected address. Addresses A, B, C and D Close Start Close or start displaying the Waveforms stored in address A, B, C or D. To save a waveform on CH1 in address A: 1. Press the MENU key; the function menu will appear at the right of the screen. 2. Press the MENU UP or MENU DOWN key to select Wave Save. Four selectable items are displayed at the bottom of the screen. 3. Press the F1 key to select the signal source CH1. 4. Press the F2 key to select the Address A. 5. Press the F3 key to save the CH1 Waveform in Address A. To display the saved Waveform : Press the F4 key to select Start for address A. The Waveform saved in address A will be displayed on the screen in green and the zero point of Waveform k, voltage and time, will be purple |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |