Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 49 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 49 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 43Page - Extech Instruments Corporation. MS400 Datasheet HTML 44Page - Extech Instruments Corporation. MS400 Datasheet HTML 45Page - Extech Instruments Corporation. MS400 Datasheet HTML 46Page - Extech Instruments Corporation. MS400 Datasheet HTML 47Page - Extech Instruments Corporation. MS400 Datasheet HTML 48Page - Extech Instruments Corporation. MS400 Datasheet HTML 49Page - Extech Instruments Corporation. MS400 Datasheet HTML 50Page - Extech Instruments Corporation. MS400 Datasheet HTML 51Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
MS400 Version 2.0 – December 2007
49
Probe:
1X position
10X position
Bandwidth
Up to 6 MHz (DC)
Up to full bandwidth (DC)
Attenuation rate
1: 1
10: 1
Compensation
range
10pf~35pf
Input resistance
1MΩ±2%
10MΩ±2%
Input impendence
85pf~115pf
14.5pf~17.5pf
Input voltage
150 V DC
300 V DC
Meter
Voltage (VDC)
Input Impedance: 10MΩ.
Max. Input Voltage: 1000V (DC or AC peak-to-peak value)
Range
Accuracy
Resolution
400.0mv
100uV
4.000V
1mV
40.00V
10mV
400.0V
±1%±1 digit
100mV
Voltage (VAC)
Input Impedance: 10MΩ.
Max. Input Voltage: 750V (AC, virtual value)
Frequency range: from 40Hz to 400Hz.
Display: Virtual value of the sine wave
Range
Accuracy
Resolution
4.000V
1mV
40.00V
10mV
400.0V
±1%±3 digits
100mV
Direct Current (DC):
Range
Accuracy
Resolution
40.00mA
±1%±1 digit
10uA
300.0mA
±1.5%±1 digit
100uA
20A (with adaptor)
±3%±3 digits
10mA
Alternating Current (AC):
Range
Accuracy
Resolution
40.00mA
±1.5%±3 digits
10uA
300.0mA
±2%±1 digit
100uA
20A (with adaptor)
±5%±3 digits
10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com