Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 16 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 16 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 12Page - Extech Instruments Corporation. MS400 Datasheet HTML 13Page - Extech Instruments Corporation. MS400 Datasheet HTML 14Page - Extech Instruments Corporation. MS400 Datasheet HTML 15Page - Extech Instruments Corporation. MS400 Datasheet HTML 16Page - Extech Instruments Corporation. MS400 Datasheet HTML 17Page - Extech Instruments Corporation. MS400 Datasheet HTML 18Page - Extech Instruments Corporation. MS400 Datasheet HTML 19Page - Extech Instruments Corporation. MS400 Datasheet HTML 20Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
MS400 Version 2.0 – December 2007
16
7.
Again, press OSC OPTION key and the following appears at the bottom left side of
the screen, shown as the following figure 9:
LEFT/RIGHT – Time
UP/DOWN – CH2 Zero
Figure 9: Zero Point Position of Channel 2
8.
Press the OSC UP or OSC DOWN key to adjust the zero position of Channel 2 in the
vertical direction and press OSC LEFT or OSC RIGHT key to adjust the horizontal
position.
9.
Press OSC OPTION key once more and the following appears at the bottom left of
the screen, shown as the following figure 10:
LEFT/RIGHT – Time
UP/DOWN – Trig
Figure 10: Trigger Level Position
10.
Press the OSC UP or OSC DOWN key to adjust the trigger position of Channel 2 and
press OSC LIFT or OSC RIGHT key to adjust the horizontal position.
11.
Press the OSC OPTION key again and return back to step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com