Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 2Page - Extech Instruments Corporation. MS400 Datasheet HTML 3Page - Extech Instruments Corporation. MS400 Datasheet HTML 4Page - Extech Instruments Corporation. MS400 Datasheet HTML 5Page - Extech Instruments Corporation. MS400 Datasheet HTML 6Page - Extech Instruments Corporation. MS400 Datasheet HTML 7Page - Extech Instruments Corporation. MS400 Datasheet HTML 8Page - Extech Instruments Corporation. MS400 Datasheet HTML 9Page - Extech Instruments Corporation. MS400 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
MS400 Version 2.0 – December 2007
6
● Always connect the power adapter first to the AC outlet before connecting
it to the Oscilloscope & Multimeter.
● Do not apply voltages that differ more than 400V from earth ground to any
input when measuring in a CAT III environment.
● Do not apply voltages that differ more than 400V from earth ground to any
input when measuring in a CAT II environment.
● Do not apply voltages that differ more than 400V from each other to the
isolated input when measuring in a CAT III environment.
● Do not apply voltages that differ more than 400V from each other to the
isolated inputs when measuring in a CAT II environment.
● Do not apply input voltages above the rating of the instrument. Use caution
when using 1:1 test leads because the probe tip voltage will be directly
transmitted to the Oscilloscope & Multimeter.
● Do not use exposed metal BNC or banana plug connectors. Do not insert
metal objects into connectors.
● Always use the Oscilloscope & Multimeter only in the manner specified.
● Voltage ratings that are mentioned in the warning are provided as limits for
“working voltage”. The representative Vac rms (50-60Hz) indicates AC sine
wave applications and as Vdc for DC applications. Overvoltage Category III
refers to distribution level and fixed installation circuits inside a building.
Overvoltage Category II refers to local levels, which are applicable for
appliances and portable equipment.
Only qualified technical personnel should perform maintenance.
Pay attention to the nominal values of all terminals:
To avoid fire or electric
shock, please keep a watchful eye on all nominal values and marks specified on
this product. Before any connections are made, carefully read the user’s manual
of the product for further information of nominal values.
DO NOT operate this product without the instrument cover plate in place:
If the
cover plate or panel has been removed, do not perform any operations with this
product.
DO NOT come into contact with bare conductors:
When the product is powered
on, do not touch any bare joints or parts of the meter.
DO NOT operate this product in case of any undetermined failure:
When in
doubt of the cause of any damage to this product, consult qualified technical
personnel.
Keep the product well ventilated:
Refer to the user manual for detailed installation
instructions. Make sure the product is operated in a well ventilated area.
DO NOT operate this product in humid conditions.
DO NOT operate this product where explosives are handled or used.
Keep the product surface clean and dry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com