Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  MS400 Datasheet HTML 1Page - Extech Instruments Corporation. MS400 Datasheet HTML 2Page - Extech Instruments Corporation. MS400 Datasheet HTML 3Page - Extech Instruments Corporation. MS400 Datasheet HTML 4Page - Extech Instruments Corporation. MS400 Datasheet HTML 5Page - Extech Instruments Corporation. MS400 Datasheet HTML 6Page - Extech Instruments Corporation. MS400 Datasheet HTML 7Page - Extech Instruments Corporation. MS400 Datasheet HTML 8Page - Extech Instruments Corporation. MS400 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
MS400 Version 2.0 – December 2007
5
Safety Information
Note:
Please read this user manual prior to operating the unit.
Safety Terms and Symbols
Specific Warning and Caution terms that appear throughout the manual
Warning:
“Warning” identifies conditions and actions that pose hazards to users.
Caution:
“Caution” identifies conditions and actions that may damage the product.
Terms printed on the meter and contained in this manual
The following terms may appear on the product or anywhere throughout the associated
manuals:
Danger
:
The term “Danger” is used in this manual to indicate that serious injury or
death may result if the safety instructions are not followed.
Warning
: The term “Warning” is used in this manual to indicate that personal injury may
result if instructions are not followed.
Notice
:
The term “Notice” is used in this manual to indicate that damages to product,
other properties, or accessories may result if instructions are not followed.
Symbols Used on this Product and in the documentation
The following symbols may be found on the meter and in associated documentation:
General Safety Information
Carefully read the following safety information in order to avoid any personal injury and
damage to this product or to any products associated with its use. In order to lessen the
chances of any possible dangers that may occur in connection with the use of this
product, the product should only be used in the specified applications the product was
designed and intended for.
Warning:
To avoid fire or electrical shock please use the proper power adapter. Use only
the power adapter recommended by the manufacturer.
Warning:
If test tool inputs are connected to more than 42V peak (30Vrms) or used in
circuits of more than 4800VA, adhere to the following guidelines in order to
avoid fire or electrical shock:
● Use only insulated voltage probes, test leads and the adapter supplied with
the test tool, or indicated by Extech as suitable for the Oscilloscope &
Multimeter.
● Before use inspect voltage probes, test leads and accessories for
mechanical damage and replace when required.
● Remove all probes, test leads and accessories that are not in use.
High Voltage
Refer to
User Manual
Protective
Ground
Measurement
Ground
Casing
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com