Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 48 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 48 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 43Page - Extech Instruments Corporation. MS400 Datasheet HTML 44Page - Extech Instruments Corporation. MS400 Datasheet HTML 45Page - Extech Instruments Corporation. MS400 Datasheet HTML 46Page - Extech Instruments Corporation. MS400 Datasheet HTML 47Page - Extech Instruments Corporation. MS400 Datasheet HTML 48Page - Extech Instruments Corporation. MS400 Datasheet HTML 49Page - Extech Instruments Corporation. MS400 Datasheet HTML 50Page - Extech Instruments Corporation. MS400 Datasheet HTML 51Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
MS400 Version 2.0 – December 2007
48
Vertical:
Analog digital converter(A/D)
With a resolution of 8 bits, sampling is performed on
both channels synchronously.
Sensitivity range (V/div)
5mV/div~5V/div(at the input BNC)
Displacement range
±50V(500mV~5V),±1V(5mV~200mV)
Analog bandwidth
20M
Single bandwidth
Full bandwidth
Low frequency response (AD
coupling, -3dB)
≥5Hz (at the BNC)
Rise time (typical one at the
BNC)
≤17.5ns
DC gain accuracy
±5%
DC measurement accuracy
(average value sampling mode)
The voltage difference (V) between any two points
on the Waveform after averaging the captured
waveforms more than16: ±(5% reading + 0.05
divisions).
Trigger:
DC
coupling
CH1 and CH2: 1div(DC~full bandwidth)
Trigger sensitivity (Edge
triggering)
AC
coupling
Same as the DC coupling when it is equal to
or larger than 50Hz.
Triggering level range
±6 divisions from the screen center
Triggering level accuracy
(typical) which is applicable
to the signal with rise and
fall time equal to or longer
than 20ns
±0.3 divisions
Trigger displacement
655 divisions for pre-triggering and 4 divisions for post-
triggering
Make a 50% level setting
(Typical).
Operation with the input signal frequency equal to or
larger than 50Hz.
Trigger sensitivity (Video
triggering and typical mode)
2 divisions of peak-to-peak value
Signal system and line/field
frequency (Video triggering
mode)
Supports the NTSC, PAL and SECAM broadcasting
systems of any field or line frequency.
Measurement:
Cursor
measurement
Voltage difference ( V) and time difference ( T) between cursors
Auto
measurement
Peak-to-peak value, average value, root mean square value,
frequency and cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com