Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 24 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 24 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 20Page - Extech Instruments Corporation. MS400 Datasheet HTML 21Page - Extech Instruments Corporation. MS400 Datasheet HTML 22Page - Extech Instruments Corporation. MS400 Datasheet HTML 23Page - Extech Instruments Corporation. MS400 Datasheet HTML 24Page - Extech Instruments Corporation. MS400 Datasheet HTML 25Page - Extech Instruments Corporation. MS400 Datasheet HTML 26Page - Extech Instruments Corporation. MS400 Datasheet HTML 27Page - Extech Instruments Corporation. MS400 Datasheet HTML 28Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
MS400 Version 2.0 – December 2007
24
Using the Multimeter
About this Chapter
This chapter provides step-by-step introductions for the multi-meter functions. The
introduction gives basic examples on how to use the menus and perform basic operations.
Meter Connections
Use the three 4-mm safety banana jack inputs for the Meter functions: COM, V/Ω, mA.
Two square capacitance jacks: CX
See Figure 2 for the proper connections.
Multimeter Operation Window
Figure 20: Multimeter Operation Window
Description:
1.
Battery power level indictor.
2.
Manual/Auto range indictors: Manual refers to the measuring range in manual
operation mode and Auto refers to the measuring range in automatic operation
mode.
3.
Measurement mode indicators:
DCV
: Direct voltage measurement
ACV
: Alternating voltage measurement
DCA
: Direct current measurement
ACA
: Alternating current measurement
R
: Resistance measurement
: Diode measurement
: Audible Continuity measurement
C
: Capacitance measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com