Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 29 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 29 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 25Page - Extech Instruments Corporation. MS400 Datasheet HTML 26Page - Extech Instruments Corporation. MS400 Datasheet HTML 27Page - Extech Instruments Corporation. MS400 Datasheet HTML 28Page - Extech Instruments Corporation. MS400 Datasheet HTML 29Page - Extech Instruments Corporation. MS400 Datasheet HTML 30Page - Extech Instruments Corporation. MS400 Datasheet HTML 31Page - Extech Instruments Corporation. MS400 Datasheet HTML 32Page - Extech Instruments Corporation. MS400 Datasheet HTML 33Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
MS400 Version 2.0 – December 2007
29
To measure AC current larger than 400mA:
1. Press the AUTO SET key once and ACA
will be visible at the top of the screen.
2. Press F5 to select 20A, the units for the
main reading window will be A.
3. Press the AUTO SET key once and ACA
will be visible at the top of the screen.
4. Plug the current extended module into the
current measurement jack, and plug the test
leads into the shunt.
5. Connect the red and black test leads in
series to the measurement points and the
AC current value will be displayed on the
screen.
6. Press F4 to return to the 400mA
measurement mode.
Figure 30: AC Current Measurement for 20A
Freezing a Displayed Reading
Freeze the displayed readings at any time:
1. Press the RUN /STOP key to freeze the
screen, STOP will be displayed at the top right
of the screen.
2. Press the RUN /STOP key again to resume
measurements.
Figure 31: Freezing the Readings
Taking a Relative Measurement
A reading, relative to a reference value, is displayed in the relative measurement mode. The
following example shows how to take a relative measurement. First, the user must define a
reference value:
1. Press the R key and R will be displayed on the
top of the screen.
2. Press the AUTO SET key untill C appears at
the top of the screen.
3. Plug the capacitance extended module into the
capacitance measurement jack.
4. When the reading stabilizes, press F2 and the
triangle icon will be displayed on the top of the
screen.
The
saved
reference
value
is
displayed below the triangle
5. All subsequent readings will be displayed
relative to the stored reference reading.
Figure 32: Relative Measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com