Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 29Page - Texas Instruments TPS65721 Datasheet HTML 30Page - Texas Instruments TPS65721 Datasheet HTML 31Page - Texas Instruments TPS65721 Datasheet HTML 32Page - Texas Instruments TPS65721 Datasheet HTML 33Page - Texas Instruments TPS65721 Datasheet HTML 34Page - Texas Instruments TPS65721 Datasheet HTML 35Page - Texas Instruments TPS65721 Datasheet HTML 36Page - Texas Instruments TPS65721 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
CHGCONFIG2 Register Address: 04h (read/write)
CHGCONFIG2
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
SFTY_TMR1 0
SFTY_TMR
PRE_TMR
NTC
V_DPPM
VBAT_COMP_EN
Default
0
1
0
0
1
1
0
0
Default value loaded
UVLO/R
UVLO/R
UVLO/R
UVLO/R
UVLO/R
UVLO/R
by:
Read/write
R/W
R/W
R/W
R
R/W
R/W
R/W
R
Bit 7..6
SFTY_TMR1..SFTY_TMR0 (charge safety timer value):
00 = 4h
01 = 5h
10 = 6h
11 = 8h
Bit 5
PRE_TMR (pre-charge timer value):
0 = 30min
1 = 60min
Bit 3
NTC (sensor resistance):
0 = 100k NTC (I=7.5uA)
1 = 10k NTC (I=75uA)
Bit 2
V_DPPM (dynamic power path threshold):
0 = VBAT+100mV
1 = 4.3V
Bit 1
VBAT_COMP_EN (battery voltage comparator enable):
0 = battery voltage comparator for Li-primary cells disabled; VBAT_COMP interrupt disabled
1 = battery voltage comparator for Li-primary cells enabled
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com