Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65721 Datasheet HTML 1Page - Texas Instruments TPS65721 Datasheet HTML 2Page - Texas Instruments TPS65721 Datasheet HTML 3Page - Texas Instruments TPS65721 Datasheet HTML 4Page - Texas Instruments TPS65721 Datasheet HTML 5Page - Texas Instruments TPS65721 Datasheet HTML 6Page - Texas Instruments TPS65721 Datasheet HTML 7Page - Texas Instruments TPS65721 Datasheet HTML 8Page - Texas Instruments TPS65721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
SYS
BAT
4.7uF / 6.3V
TS
NTC
ISET
4.7uF / 4V
1uF
LiIon
SYS
PB_IN
VLDO1
RESET
SCLK
SDAT
3k
foracharge
currentof 150mA
LDO 1
200 mA
BAT
INT
charger / powerpath
ON /
OFF
FB_DCDC1
2.2uH
L1
DCDC 1
200 mA
4.7uF
TPS65720
SYS
VINLDO1
VDCDC 1=2.05
V
VLDO 1 = 1.85V
GPIO1
GPIO2
GPIO0
GPIO3
GPIOor
5mA current
sink
I2Cinterface
reset
generator /
startuplogic
PGND
AGND
HOLD_LDO1
HOLD_DCDC1
AC
2.2uF
R1
R2
R6
R5
10k
360 k
150k
bluetoothchip
Vin
Reset
INT
GPIO
SCLK
SDAT
indicationLEDs
toSYSorVDCDC1
dependingonLED
forwardvoltage
2 x 3.3k
2 x 100k
22pF
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
PMU for Bluetooth Headsets
Check for Samples: TPS65720 TPS65721
1
FEATURES
DESCRIPTION
2
•
Battery Charger With Power Path Management
•
28 V Rated Power Path With:
The TPS65720 is a small power management unit
targeted for Bluetooth headsets or other portable low
–
100 mA Input Current Limit
power consumer end equipments. It contains an USB
–
500 mA input Current Limit
friendly Lithium-Ion battery charger, a high efficient
•
300 mA Charge Current
step down converter, a low dropout linear regulator
and additional supporting functions. The device is
•
200 mA Step-Down Converter for TPS65720
controlled by an I2C interface. Several settings can
•
400 mA Step-Down Converter for TPS65721
be customized by the use of non volatile memory
•
Up to 92% Efficiency
which
is
factory
programmed.
The
2.25MHz
step-down converter enters a low power mode at light
•
VIN Range for DCDC Converter From 2.3V to
load for maximum efficiency across the widest
5.6V
possible range of load currents. For low noise
•
2.25 MHz Fixed Frequency Operation
applications the devices can be forced into fixed
•
Power Save Mode at Light Load Current
frequency PWM mode using the I2C compatible
interface. The device allows the use of small
•
Output Voltage Accuracy in PWM Mode ±2%
inductors and capacitors to achieve a small solution
•
100% Duty Cycle for Lowest Dropout
size. TPS65720 provides an output current of up to
•
1 General Purpose 200mA LDO
200mA on the DCDC converter. The TPS65720 also
integrates one 200mA LDO. The LDO operates with
•
VIN Range for LDO From 1.8V to 5.6V
an input voltage range between 1.8V and 5.6V
•
I2C Compatible Interface
allowing it to be supplied from the output of the
•
4GPIOs
step-down converter or directly from the system
voltage.
•
Available in a 25 Ball WCSP With 0,4mm Pitch
and in 4mm × 4mm 32-Pin QFN Package
The TPS65720 comes in a small 25-ball wafer chip
scale package (WCSP) with 0,4mm ball pitch or a
APPLICATIONS
4mm × 4mm QFN package with a 0,4mm pitch
•
Bluetooth Headsets
(TPS65721).
•
Handheld Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65721 TI1-TPS65721 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
TPS65721RSNR TI1-TPS65721RSNR Datasheet
2Mb / 66P
Integrated PMIC
TPS65721RSNR TI1-TPS65721RSNR Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
TPS65721RSNT TI1-TPS65721RSNT Datasheet
2Mb / 66P
Integrated PMIC
TPS65721RSNT TI1-TPS65721RSNT Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
More results

Similar Description - TPS65721

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-4025S KSS-CX-4025S Datasheet
176Kb / 1P
For Bluetooth
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
PMU FOR PROCESSOR POWER
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
PMU FOR PROCESSOR POWER
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
PMU for 3D Glasses
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
PMU for Processor Power
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
PMU for Portable Applications
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
logo
Microsemi Corporation
ZL38090 MICROSEMI-ZL38090 Datasheet
2Mb / 64P
Designed for USB Headsets and Microphones
Revision 2.0
logo
Renesas Technology Corp
DA1469X RENESAS-DA1469X Datasheet
8Mb / 757P
Multi-Core Bluetooth® 5.2 SoC Family with System PMU
22-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com