| Electronic Components Datasheet Search |
|
TPS65721 Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS65721 Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 50 page ![]() PRECHARGE CCFAST CHARGE CV TAPER DONE Battery Voltage Battery Current THERMAL REGULATION TJ(REG) ICjunction temperature,Tj I(TERM) I(PRECHG) TERMCURRENT=1 VO(REG) IO(CHG) V(LOWV) TPS65720 TPS65721 SLVS979 – OCTOBER 2009 www.ti.com Figure 25. Thermal Loop TIMER FAULT If the pre-charge timer expires before the battery voltage reaches VLOWV, the charger indicates a fault condition. Additionally, if the battery current does not fall to ITERM before the fast-charge timer expires, a fault is indicated by setting Bit <TIMER_FAULT>=1. THERMAL REGULATION AND THERMAL SHUTDOWN The charger contains a thermal regulation loop that monitors the die temperature. If the temperature exceeds TJ(REG), the device automatically reduces the charging current to prevent the die temperature from increasing further. In some cases, the die temperature continues to rise despite the operation of the thermal loop, particularly under high VAC and heavy system load conditions. Under these conditions, if the die temperature increases to TJ(OFF), the input FET Q1 is turned OFF. FET Q2 is turned ON to ensure that the battery still powers the load on SYS. Once the device die temperature cools by TJ(OFF-HYS), the input FET Q1 is turned on and the device returns to thermal regulation. Continuous over-temperature conditions result in the pulsing of the Q1 FET. Note that this feature monitors the die temperature of the charger. This is not synonymous with ambient temperature. Self-heating exists due to the power dissipated in the IC because of the linear nature of the battery charging algorithm and the LDO mode for SYS. BATTERY PACK TEMPERATURE MONITORING The TPS65720 features an external battery pack temperature monitoring input. The TS input connects to the NTC resistor in the battery pack to monitor battery temperature and prevent dangerous over-temperature conditions. During charging, INTC is sourced to TS and the voltage at TS is continuously monitored. If, at any time, the voltage at TS is outside of the operating range (VCOLD to VHOT), charging is suspended. The timers maintain their values but suspend counting. When the voltage measured at TS returns to within the operation 22 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TPS65720 TPS65721 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |