Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 35Page - Texas Instruments TPS65721 Datasheet HTML 36Page - Texas Instruments TPS65721 Datasheet HTML 37Page - Texas Instruments TPS65721 Datasheet HTML 38Page - Texas Instruments TPS65721 Datasheet HTML 39Page - Texas Instruments TPS65721 Datasheet HTML 40Page - Texas Instruments TPS65721 Datasheet HTML 41Page - Texas Instruments TPS65721 Datasheet HTML 42Page - Texas Instruments TPS65721 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
CONTROL1 Register Address: 0Ah (read/write)
CONTROL1
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
HOLD
PB_STAT
RESET_DELAY
Default
0
0
0
0
1
0
1
Default value loaded by:
UVLO/R
UVLO/R
UVLO/R
Read/write
R
R
R
R/W
R
R
R
R/W
Bit 5
HOLD (ORed with PB_IN):
0 = DCDC1 and LDO1 switched off
1 = DCDC1 and LDO1 enabled
Bit 4
PB_STAT (push-button status, after debounce):
0 = push-button not pressed
1 = push-button pressed
Bit 0
RESET_DELAY:
0 = 11ms
1 = 90ms
GPIO_SSC Register Address: 0Bh (read/write)
GPIO_SSC
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
GPIO3
GPIO2
GPIO1
GPIO0
Default
0
0
0
0
1
1
1
1
Default value loaded by:
UVLO/R
UVLO/R
UVLO/R
UVLO/R
Read/write
R
R
R
R/W
R
R
R
R/W
Bit 3
GPIO3:
0 = data in input buffer / actively pulled low when configured as an output or LED driver enabled
1 = data in input buffer / high impedance when configured as an output or LED driver
Bit 2
GPIO2:
0 = data in input buffer / actively pulled low when configured as an output or LED driver enabled
1 = data in input buffer / high impedance when configured as an output or LED driver
Bit 1
GPIO1:
0 = data in input buffer / actively pulled low when configured as an output
1 = data in input buffer / high impedance when configured as an output
Bit 0
GPIO0:
0 = data in input buffer / actively pulled low when configured as an output
1 = data in input buffer / high impedance when configured as an output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com