Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 16Page - Texas Instruments TPS65721 Datasheet HTML 17Page - Texas Instruments TPS65721 Datasheet HTML 18Page - Texas Instruments TPS65721 Datasheet HTML 19Page - Texas Instruments TPS65721 Datasheet HTML 20Page - Texas Instruments TPS65721 Datasheet HTML 21Page - Texas Instruments TPS65721 Datasheet HTML 22Page - Texas Instruments TPS65721 Datasheet HTML 23Page - Texas Instruments TPS65721 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
PRECHARGE
CCFAST CHARGE
CV TAPER
DONE
Battery
Voltage
BatteryCurrent
TERMCURRENT=1
VBAT(REG)
IO(CHG)
VLOWV
I(PRECHG)
I(TERM)
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
Figure 24. Battery Charge
In the precharge phase, the battery is charged with the precharge current (IPRECHG). Once the battery voltage
crosses the VLOWV threshold, the battery is charged with the fast-charge current (ICHG). As the battery voltage
reaches VBAT(REG), the battery is held at a constant voltage of VBAT(REG) and the charge current tapers off
as the battery approaches full charge. When the battery current reaches ITERM, the CHG pin indicates charging
done by going high impedance. Note that termination detection is disabled whenever the charge rate is reduced
from the set point because of the actions of the thermal loop, the DPM loop, or the VIN(LOW) loop. The value of
the fast-charge current is set by the resistor connected from the ISET pin to GND, and is given by the equation:
ICHG = KISET/RISET
The charge current limit is adjustable up to 300mA. The valid resistor range is 1500
Ω to 11.25kΩ. Note that if
ICHG is programmed as greater than the input current limit, the battery does not charge at the rate of ICHG, but
at the slower rate of IACmax (minus the load current on the OUT pin, if any). In this case, the charger timers are
proportionately slowed down.
I-PRECHARGE
The value for the pre-charge current is defined with Bits <I_PRE1, I_PRE0> based on the charge current defined
with pin ISET and Bits <CH_SCL1, ICH_SCL0> in register CHCONFIG1. Pre-charge current is scaled to lower
currents in DPPM mode or when the charger is in thermal regulation.
ITERM
The value for the termination current threshold can be set in register CHGCONFIG1 using Bits <I_TERM1,
I_TERM0> based on the charge current defined with pin ISET and Bits <CH_SCL1, ICH_SCL0>. Termination
current is not scaled in DPPM mode or when the charger is in thermal regulation.
BATTERY DETECTION AND RECHARGE
The charger automatically detects if a battery is connected or removed. Once a charge cycle is complete, the
battery voltage is monitored. When the battery voltage falls below VRCH, the device determines if the battery has
been removed. A current, IBAT(DET), is pulled from the battery for a duration tDET. If the voltage on the BAT pin
remains above VLOWV, it indicates that the battery is still connected, but has discharged. If <CH_EN>=1, the
charger is turned on again to top off the battery. During this recharge cycle, the CHG output remains
high-impedance. Recharge cycles are not indicated by the <CH_ACTIVE> Bit.
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com