Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65721 Datasheet HTML 1Page - Texas Instruments TPS65721 Datasheet HTML 2Page - Texas Instruments TPS65721 Datasheet HTML 3Page - Texas Instruments TPS65721 Datasheet HTML 4Page - Texas Instruments TPS65721 Datasheet HTML 5Page - Texas Instruments TPS65721 Datasheet HTML 6Page - Texas Instruments TPS65721 Datasheet HTML 7Page - Texas Instruments TPS65721 Datasheet HTML 8Page - Texas Instruments TPS65721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PACKAGE
TA
PART NUMBER (1)
SIZE FOR WCSP VERSION
PACKAGE CODE
PACKAGE
MARKING
-40°C TO 85°C
TPS65720
D = 2105
μm ±25 μm
YFF
WCSP
TPS65720
E = 2105
μm ±25 μm
-40°C TO 85°C
TPS65721
RSN
QFN(1)
65720
(1)
The RSN and YFF package is available in tape and reel. Add R suffix (TPS65720YFFR; TPS65721RSNR) to order quantities of 3000
parts per reel. Add T suffix (TPS65720YFFT; TPS65721RSNT) to order quantities of 250 parts per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
Input voltage range on all pins except A/PGND, AC, GPIOx pins with respect to AGND
–0.3 to 7 V
Input voltage range on GPIOx pins with respect to AGND
–0.3 to VSYS
Input voltage range on AC pin with respect to AGND
–0.3 to 28 V
Voltage range on pin VLDO1, FB_LDO1, TS_OUT, TS with respect to AGND
–0.3 to 3.6 V
Current at AC, BAT, SYS, L1, VLDO1, VINLDO1, PGND
600 mA
Current at GPIOx, AGND
20 mA
Current at all other pins
3 mA
Continuous total power dissipation
See dissipation rating table
Operating free-air temperature, TA
–40°C to 85°C
Maximum junction temperature, TJ
125°C
Storage temperature, TST
–65°C to 150°C
DISSIPATION RATINGS
(1)
PACKAGE
RθJA
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
YFF
55 K/W
1.8 W
18 mW/K
1 W
0.7 W
RSN
38 K/W
2.6 W
26 mW/K
1.4 W
1 W
(1)
The thermal resistance was measured on a high K board.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VAC
Input voltage range at AC pin
4.35
28
V
VSYS
Voltage range at SYS pin
2.2
5.6
V
IINUSB
Input current at AC
500
mA
IOUTSYS
Output current at SYS
400
mA
IBAT
Average current into / out of BAT pin
300
mA
VINDCDC1
Input voltage range for step-down converter DCDC1
2.3
5.6
V
VDCDC1
Output voltage range for DCDC1 step-down converter; externally adjustable
0.6
VINDCDC1
V
IOUTDCDC1
Output current at L
400
mA
L
Inductor at L (1)
2.2
3.3
4.7
μH
VINLDO1
Input voltage range for LDO1
1.8
VSYS
V
VLDO1
Output voltage range for LDO1
0.8
3.3
V
ILDO1
Output current at LDO1
200
mA
(1)
See application section for more details
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com