Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 25Page - Texas Instruments TPS65721 Datasheet HTML 26Page - Texas Instruments TPS65721 Datasheet HTML 27Page - Texas Instruments TPS65721 Datasheet HTML 28Page - Texas Instruments TPS65721 Datasheet HTML 29Page - Texas Instruments TPS65721 Datasheet HTML 30Page - Texas Instruments TPS65721 Datasheet HTML 31Page - Texas Instruments TPS65721 Datasheet HTML 32Page - Texas Instruments TPS65721 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
MIN
MAX
UNIT
fMAX
Clock frequency
400
kHz
twH(HIGH)
Clock high time
600
ns
twL(LOW)
Clock low time
1300
ns
tR
DATA and CLK rise time
300
ns
tF
DATA and CLK fall time
300
ns
th(STA)
Hold time (repeated) START condition (after this period the first clock pulse is generated)
600
ns
th(DATA)
Setup time for repeated START condition
600
ns
th(DATA)
Data input hold time
0
ns
tsu(DATA)
Data input setup time
100
ns
tsu(STO)
STOP condition setup time
600
ns
t(BUF)
Bus free time
1300
ns
All registers are set to their default value by one of the following events:
•
Voltage at the SYS pin is below the undervoltage lockout voltage (UVLO)
•
RESET is active; RESET output is pulled LOW and goes high with a 100ms delay
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com