Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65721 Datasheet HTML 1Page - Texas Instruments TPS65721 Datasheet HTML 2Page - Texas Instruments TPS65721 Datasheet HTML 3Page - Texas Instruments TPS65721 Datasheet HTML 4Page - Texas Instruments TPS65721 Datasheet HTML 5Page - Texas Instruments TPS65721 Datasheet HTML 6Page - Texas Instruments TPS65721 Datasheet HTML 7Page - Texas Instruments TPS65721 Datasheet HTML 8Page - Texas Instruments TPS65721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VSYS = 3.6V, VDCDC1 = 2.05V, PFM mode, L = 3.3μH, COUTDCDC1 = 4.7μF, VINLDO1=2.05V, VLDO1=1.85V, TA = –40°C to 85°C
typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDAT, SCLK, PB_IN, HOLD, GPIO0 TO GPIO3, INT, RESET, THRESHOLD
High level input voltage for SCLK, SDAT, GPIOx,
VIH
GPIOs configured as input
1.2
VSYS
V
HOLD_DCDC1, HOLD_LDO1, PB_IN
Low level input voltage for SCLK, SDAT, GPIOx,
VIL
GPIOs configured as input
0
0.4
V
HOLD_DCDC1, HOLD_LDO1, PB_IN
Low level output voltage for SDAT, GPIOx, INT,
VOL
GPIOs configured as output; Io=1mA; no internal pull-up
0
0.4
V
RESET
GPIO2, GPIO3 configured as current sink; VOL=0.4V ; for
Sink current for GPIO2, GPIO3
–20%
5
20%
mA
Tj=0°C to 85°C
IOL
Sink current for GPIOx
GPIOx configured as open drain output ; output = LOW
3
mA
Minimum voltage for proper current regulation from
VOL
GPIO2 or GPIO3 to GND if programmed as a
Io=5mA; current sink turned on
0.4
V
current sink
VLDO1,
VLDO1,
VRESET-falling
Falling edge; Reset is asserted LOW for TPS65720
V
nom-13%
nom-7%
LDO1 out of regulation reset voltage
Rising edge; Reset is released HIGH for TPS65720 after
VLDO1,
VRESET-rising
V
TRESET
nom-4%
Low to high transition of RESET pin, depending on setting of
9
11
13
ms
Bit RESET_DELAY
70
90
110
TRESET
Reset delay time on pin RESET
HIGH to LOW transition of RESET pin RESET will go low by
HOLD pin going LOW AND HOLD Bit set to 0 OR voltage at
10
μs
Vreset falling below the threshold
VTHRESHOLD_down Threshold voltage for reset input
Falling voltage; QFN package only
–3%
570
3%
mV
VTHRESHOLD_hys Hysteresis on THRESHOLD
Rising voltage; QFN package only
30
mV
Tdebounce
Debounce time at PB_IN
Rising and falling voltage
39
50
60
ms
PB_IN, SDAT, SCLK, GPIOx configured as output, INT,
ILKG
Input leakage current
0.2
μA
RESET, output high impedance
STEP-DOWN CONVERTER
VSYS
Input voltage for DCDC1
2.3
5.6
V
VSYS falling
2.15
2.2
2.25
V
UVLO
Internal undervoltage lockout threshold hysteresis
VSYS rising
120
mV
POWER SWITCH
VSYS = VINDCDC1 = 3.6V, YFF package
350
600
RDS(ON)
High side MOSFET on-resistance
m
Ω
VSYS = VINDCDC1 = 3.6V, RSN package
400
650
ILK_HS
High side MOSFET leakage current
VDS = 5.6V
1
μA
VINDCDC1/2 = 3.6 V, YFF package
300
500
m
Ω
RDS(ON)
Low side MOSFET on-resistance
VINDCDC1/2 = 3.6 V, RSN package
350
550
m
Ω
ILK_LS
Low side MOSFET leakage current
VDS = 5.6 V
1
μA
2.3 V
≤ VIN ≤ 5.6 V, TPS65720
425
600
775
mA
Forward current limit high-side and low side
ILIMF
MOSFET
2.3 V
≤ VIN ≤ 5.6 V, TPS65721
625
850
1150
mA
VSYS > 2.7 V; TPS65720
200
Io
DC output current
mA
VSYS > 2.7 V ; TPS65721
400
OSCILLATOR
fSW
Oscillator Frequency
2.03
2.25
2.48
MHz
OUTPUT
VOUT
Output Voltage Range
0.6
Vin
V
VFB
Feedback voltage
0.6
V
IFB
FB pin input current
0.1
μA
VIN = 2.3 V to 5.6 V; PFM operation, 0 mA < IOUT < IOUTMAX
1%
3%
DC Output voltage accuracy
(1)
VOUT
VIN = 2.3 V to 5.6 V, PWM operation, 0 mA < IOUT < IOUTMAX
–2%
2%
DC output voltage load regulation
PWM operation
0.5
%/A
VDCDC1,
VDCDC1,
VPGOOD-falling
PGOOD threshold at falling output voltage
<PGOODZ_DCDC1> is set to 1
V
nom-14%
nom-7%
VDCDC1,
VPGOOD-rising
PGOOD threshold at rising output voltage
<PGOODZ_DCDC1> is set to 0
V
nom-5%
tStart
Start-up time
Time from active EN to Start switching
170
μs
tRamp
VOUT ramp time
Time to ramp from 5% to 95% of VOUT
250
μs
(1)
Output voltage specification does not include tolerance of external voltage programming resistors
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com