Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 5Page - Texas Instruments TPS65721 Datasheet HTML 6Page - Texas Instruments TPS65721 Datasheet HTML 7Page - Texas Instruments TPS65721 Datasheet HTML 8Page - Texas Instruments TPS65721 Datasheet HTML 9Page - Texas Instruments TPS65721 Datasheet HTML 10Page - Texas Instruments TPS65721 Datasheet HTML 11Page - Texas Instruments TPS65721 Datasheet HTML 12Page - Texas Instruments TPS65721 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
AC
ISET
RESET
SDAT
SCLK
SYS
SYS
PB_IN
GPIO0
GPIO1
BAT
BAT
INT
GPIO2
GPIO3
L1
HOLD_
DCDC1
TS
GND
HOLD_
LDO1
PGND
FB_
DCDC1
AGND
VINLDO1
VLDO1
A1
B1
C1
D1
E1
A2
A3
A4
A5
SYS
BAT
4.7uF
TS
NTC
ISET
2.2uF
1uF
LiIon
SYS
PB_IN
VLDO1
RESET
SCLK
SDAT
set
charge
current
LDO 1
200mA
BAT
INT
charger / powerpath
ON /
OFF
FB_DCDC1
2.2uH
L1
DCDC1
200mA
4.7uF
TPS65720
SYS
VINLDO1
Vout 1
Vout 2
GPIO1
GPIO2
GPIO0
GPIO3
GPIOor
5mA current
sink
I2Cinterface
reset
generator /
startup logic
PGND
AGND
HOLD_LDO1
HOLD_DCDC1
AC
2.2uF
R1
R2
R6
R5
22pF
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
DEVICE INFORMATION
Chip scale version (YFF package): PIN ASSIGNMENT (bottom view)
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com