Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 28Page - Texas Instruments TPS65721 Datasheet HTML 29Page - Texas Instruments TPS65721 Datasheet HTML 30Page - Texas Instruments TPS65721 Datasheet HTML 31Page - Texas Instruments TPS65721 Datasheet HTML 32Page - Texas Instruments TPS65721 Datasheet HTML 33Page - Texas Instruments TPS65721 Datasheet HTML 34Page - Texas Instruments TPS65721 Datasheet HTML 35Page - Texas Instruments TPS65721 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
TPS65720
TPS65721
SLVS979 – OCTOBER 2009
www.ti.com
CHGCONFIG1 Register Address: 03h (read/write)
CHGCONFIG1
B7
B6
B5
B4
B3
B2
B1
BO
Bit name and function
I_PRE1
I_PRE0
ICH_SCL1
ICH_SCL0
I_TERM1
I_TERM0
Default
For TPS65720
0
1
0
1
0
1
0
0
For TPS65721
0
1
1
1
0
1
1
1
Default value loaded by:
UVLO/R
UVLO/R
UVLO/R
UVLO/R
UVLO/R
UVLO/R
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Bit 7..6
I_PRE1..I_PRE0 (Pre-charge current factor):
00 = 5% of value defined with ICH_SCL1, ICH_SCL0
01 = 10% of value defined with ICH_SCL1, ICH_SCL0
10 = 15% of value defined with ICH_SCL1, ICH_SCL0
11 = 20% of value defined with ICH_SCL1, ICH_SCL0
Bit 5..4
ICH_SCL1..ICH_SCL0 (charge current scaling factor):
00 = 25% of value defined with ISET resistor; safety timer will time out at 2x SFTY_TMR[0,1]
01 = 50% of value defined with ISET resistor; safety timer runs at its nominal time defined in
SFTY_TMR[0,1]
10 = 75% of value defined with ISET resistor; safety timer will time out at 0.66x SFTY_TMR[0,1]
11 = 100% of value defined with ISET resistor; safety timer will time out at 0.5x SFTY_TMR[0,1]
Bit 3..2
I_TERM1..I_TERM0 (termination current scaling factor):
00 = 5% of value defined with ICH_SCL1, ICH_SCL0
01 = 10% of value defined with ICH_SCL1, ICH_SCL0
10 = 15% of value defined with ICH_SCL1, ICH_SCL0
11 = 20% of value defined with ICH_SCL1, ICH_SCL0
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com