Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 21Page - Texas Instruments TPS65721 Datasheet HTML 22Page - Texas Instruments TPS65721 Datasheet HTML 23Page - Texas Instruments TPS65721 Datasheet HTML 24Page - Texas Instruments TPS65721 Datasheet HTML 25Page - Texas Instruments TPS65721 Datasheet HTML 26Page - Texas Instruments TPS65721 Datasheet HTML 27Page - Texas Instruments TPS65721 Datasheet HTML 28Page - Texas Instruments TPS65721 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
Under-Voltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery and disables the converters and LDOs. The under-voltage lockout threshold is
typically 2.2V.
SHORT-CIRCUIT PROTECTION
All outputs are short circuit protected with a maximum output current as defined in the electrical specifications.
THERMAL SHUTDOWN
There are two thermal sensors in TPS6572x located at the main sources of power dissipation - the charger and
the LDO. The maximum temperature of the charger is regulated by reducing its charge current. If the
temperature increases further, the charger is disabled - see details in the charger description.
The second sensor is enabled as soon as the LDO is enabled. As soon as the junction temperature, TJ, exceeds
typically 150°C, the device goes into thermal shutdown. In this mode, the low side and high side MOSFETs are
turned-off. A thermal shutdown for the LDO will disable both, LDO and the DCDC converter simultaneously.
LDO1
The low dropout voltage regulator is designed to operate well with low value ceramic input and output capacitors.
It operates with input voltages down to 1.8V. The LDOs offer a maximum dropout voltage of 160mV at rated
output current. LDO1 supports a current limit feature. Its output voltage is adjustable using a resistor divider at
FB_LDO1 for TPS65721. The LDO1 voltage is fixed to 1.85V for TPS65720.
Default Voltage Setting for LDOs and DCDC1
In TPS65721, both DCDC1 and LDO1 are externally adjustable.
For TPS65720, the output voltage of the DCDC1 converter is externally adjustable and for LDO1 it is fixed to
1.85V per default. The I2C registers do allow changing the default voltage for LDO1 in a range of 0.8V to 3.3V.
For DCDC1, the register also allows setting any voltage in the range from 0.8V to 3.3V, however for the
adjustable version of DCDC1, the change in the I2C register has no effect on the output voltage. The registers
will be set to the default value when the voltage at SYS drops below the undervoltage lockout threshold or by a
reset event (RESET output is actively pulled low). See the register description for more details.
GPIOs, LED Drivers
TPS65720 contains 4 standard input/output pins (GPIOs) named GPIO0 to GPIO3. The output driver/input buffer
is available in register GPIO_SSC while register GPIODIR selects the data direction and additional features.
After RESET, GPIO0 and GPIO1 are pre-defined as general purpose inputs while GPIO2 and GPIO3 are
configured as LED driver outputs which are high impedance. The LED driver outputs are designed to be constant
current sinks to GND, sinking a constant current of 5mA when enabled. The GPIOs do not have internal pull-up
resistors. External pull-up resistors might be required if configured as inputs or outputs.
RESET output
Actively low, open drain reset output. Connect external pull-up resistor. The reset pin will go high impedance
100ms after the reset condition is left. For TPS65720, reset is generated, depending on the power-good signal of
LDO1, when the output voltage is below the threshold or LDO1 is disabled. For TPS65721, reset is generated
depending on the voltage at pin THRESHOLD.
THRESHOLD INPUT (TPS65721 only)
This is an input to the comparator driving the Reset output. If the voltage applied at THRESHOLD is below the
threshold, Reset is pulled actively LOW. If the voltage rises above the threshold + hysteresis, the Reset output is
released after a delay time of 100ms (typically).
ENABLE for DCDC1 and LDO1
The DCDC1 converter and LDO1 are enabled as soon as PB_IN is pulled LOW OR input voltage at pin AC is
detected (<CH_PGOOD>=1).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com