Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 9Page - Texas Instruments TPS65721 Datasheet HTML 10Page - Texas Instruments TPS65721 Datasheet HTML 11Page - Texas Instruments TPS65721 Datasheet HTML 12Page - Texas Instruments TPS65721 Datasheet HTML 13Page - Texas Instruments TPS65721 Datasheet HTML 14Page - Texas Instruments TPS65721 Datasheet HTML 15Page - Texas Instruments TPS65721 Datasheet HTML 16Page - Texas Instruments TPS65721 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
I -OutputCurrent- A
O
V =3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.5V
I
0.001
0.0001
0.00001
V
=2.05V
O
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
I -OutputCurrent- A
O
0.001
0.0001
0.00001
V =3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.5V
I
V
=2.05V
O
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
I -OutputCurrent- A
O
0.001
0.0001
0.00001
V =3V
I
V =3.6V
I
V =4.5V
I
V =5V
I
V =2.5V
I
V
=2.05V
O
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
I -OutputCurrent- A
O
0.001
0.0001
0.00001
V =3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.5V
I
V
=2.05V
O
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
FIGURE
Output voltage ripple in PWM mode; DCDC1
Scope plot: Vi = 3.6V
Figure 14
Vo = 2.05V;
Io = 60mA (PWM)
Startup DCDC1 and LDO1
Scope plot using TPS65720 (battery
Figure 15
powered) for
/PB_IN; Vo_DCDC1; Vo_LDO1
Load transient response LDO1
Scope plot; V = 1.85V; Vi = 2.05V
Figure 16
I = 50
μA to 60mA to 50 μA
Line transient response LDO1
Scope plot; Vo = 1.85V; Vi = 5V to 3.6V
Figure 17
to 5V
Kset vs Riset
Figure 18–Figure 21
Efficiency vs Lout for DCDC1=2.05V, LDO1=1.85V,
Figure 22
VinLDO=VDCDC1
TPS65720 Efficiency of DCDC1
TPS65720 Efficiency of DCDC1
vs
vs
Load Current; PWM Mode; inductor: LQM21P 3.3uH
Load Current; PFM Mode; inductor: LQM21P 3.3uH
Figure 1.
Figure 2.
TPS65720 Efficiency of DCDC1
TPS65720 Efficiency of DCDC1
vs
vs
Load Current; PWM Mode; inductor: MIPSA2520 2.2uH
Load Current; PFM Mode; inductor: MIPSA2520 2.2uH
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com