Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 13Page - Texas Instruments TPS65721 Datasheet HTML 14Page - Texas Instruments TPS65721 Datasheet HTML 15Page - Texas Instruments TPS65721 Datasheet HTML 16Page - Texas Instruments TPS65721 Datasheet HTML 17Page - Texas Instruments TPS65721 Datasheet HTML 18Page - Texas Instruments TPS65721 Datasheet HTML 19Page - Texas Instruments TPS65721 Datasheet HTML 20Page - Texas Instruments TPS65721 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
I -OutputCurrent- A
O
0.001
0.0001
0.00001
V =3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.5V
I
460
465
470
475
480
485
490
495
500
505
0
4000
8000
12000
16000
20000
24000
R
-
ISET
W
T
=-40°C
A
T
=25°C
A
T
=85°C
A
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
Kset
Efficiency vs output current
vs
for the complete system;
Riset
LDO1 powered by DCDC1 with VDCDC1=2.05V; VLDO1= 1.85V
Figure 21. ICH_SCL[1,0]=11
Figure 22.
DETAILED DESCRIPTION
BATTERY CHARGER AND POWER PATH
The TPS65720 integrates a Li-Ion linear charger and system power path management targeted at space-limited
portable applications. The TPS65720 powers the system while simultaneously and independently charging the
battery. This feature reduces the number of charge and discharge cycles on the battery, allows for proper charge
termination and enables the system to run with a defective or absent battery pack. It also allows instant system
turn-on even with a totally discharged battery. The input power source for charging the battery and running the
system can be an AC adapter or an USB port. The power-path management feature automatically reduces the
charging current if the system load increases. The power-path architecture also permits the battery to
supplement the system current requirements when the adapter cannot deliver the peak system currents.
POWER DOWN
The charger remains in power-down mode when the input voltage at the AC pin is below the under-voltage
lockout threshold (UVLO). During the power-down mode, the host commands through the I2C interface are
ignored. The Q1 FET connected between AC and SYS pins is off. The Q2 FET that connects BAT to SYS is ON.
(If <SYSOFF>=1, Q2 is off). During power-down mode, the VOUT(SC2) circuitry is active and monitors for
overload conditions on SYS.
SLEEP MODE
The charger enters sleep mode when VAC is greater than UVLO, but below VBAT + VIN(DT). In sleep mode, the
host commands are ignored. The Q1 FET connected between AC and SYS pins is off. The Q2 FET that
connects BAT to SYS is ON. (If <SYSOFF>=1, Q2 is off). During sleep mode, the VOUT(SC2) circuitry is active and
monitors for overload conditions on SYS.
STANDBY MODE
When VAC is greater than UVLO and VIN is greater than VBAT + VIN(DT), the device is in standby mode.
<CH_PGOOD> =1 to indicate the valid power status and the host commands are read. The device enters
standby mode whenever <AC input current1, AC input current0> = (0,0) or if an input overvoltage condition
occurs. In standby mode, Q1 is OFF and Q2 is ON. (If <SYSOFF>=1, Q2 is off). During standby mode, the
VOUT(SC2) circuitry is active and monitors for overload conditions on SYS.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com