Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 3Page - Texas Instruments TPS65721 Datasheet HTML 4Page - Texas Instruments TPS65721 Datasheet HTML 5Page - Texas Instruments TPS65721 Datasheet HTML 6Page - Texas Instruments TPS65721 Datasheet HTML 7Page - Texas Instruments TPS65721 Datasheet HTML 8Page - Texas Instruments TPS65721 Datasheet HTML 9Page - Texas Instruments TPS65721 Datasheet HTML 10Page - Texas Instruments TPS65721 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
ELECTRICAL CHARACTERISTICS (continued)
VSYS = 3.6V, VDCDC1 = 2.05V, PFM mode, L = 3.3μH, COUTDCDC1 = 4.7μF, VINLDO1=2.05V, VLDO1=1.85V, TA = –40°C to 85°C
typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
for I_TERM[1,0]=11 (termination current is 20% of charge
0.15×ICHG
0.2×ICHG
0.27×ICHG
current)
for I_TERM[1,0]=10 (termination current is 15% of charge
0.11×ICHG
0.15×ICHG
0.21×ICHG
current)
Charge current value for termination detection
ITERM
threshold (internally set)
for I_TERM[1,0]=01 (termination current is 10% of charge
0.07×ICHG
0.1×ICHG
0.15×ICHG
current)
for I_TERM[1,0]=00 (termination current is 5% of charge
0.03×ICHG
0.05×ICHG
0.08×ICHG
current)
tDGL(TERM)
Deglitch time, termination detected
25
ms
VRCH
Recharge detection threshold
Voltage below nominal charger voltage
165
100
60
mV
tDGL(RCH)
Deglitch time, recharge threshold detected
62.5
ms
VBAT = 3.6V. Time measured from VIN: 5V
→ 3.3V 1μs
tDGL(NO-IN)
Delay time, input power loss to charger turn-off
20
ms
fall-time
IBAT(DET)
Sink current for battery detection
5
7.5
10
mA
tDET
Battery detection timer
250
ms
Safety timer range selectable by I2C; default setting without
TCHG
Charge safety timer
–35%
5
35%
h
DPPM or thermal loop active
TPRECHG
Precharge timer
Pre charge timer range; default setting
–35%
30
35%
min
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com