Electronic Components Datasheet Search
  English  ▼

X  

TPS65721 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65721
Description  PMU for Bluetooth Headsets
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65721 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65721 Datasheet HTML 15Page - Texas Instruments TPS65721 Datasheet HTML 16Page - Texas Instruments TPS65721 Datasheet HTML 17Page - Texas Instruments TPS65721 Datasheet HTML 18Page - Texas Instruments TPS65721 Datasheet HTML 19Page - Texas Instruments TPS65721 Datasheet HTML 20Page - Texas Instruments TPS65721 Datasheet HTML 21Page - Texas Instruments TPS65721 Datasheet HTML 22Page - Texas Instruments TPS65721 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
USB100
USB 500
V REF -
ILIM
USB- susp
ShortDetect
V IPRECHG
V ICHG
ShortDetect
IBAT(SC
)
T J(REG)
T J
V DPPM
VSYS
V BAT(REG
)
V BAT(SC)
V O(REG)
V O(SC1
)
OUT -SC1
BAT -SC
V REF- ITERM
Q1
Q2
V LOWV
V RCH
INTC
V HOT
V COL
D
tDGL(NO -
IN )
tDGL(PGOOD
)
tBLK(OVP )
V BAT +V AC -DT
V UVLO
V OVP
V AC
Dynamical
ly
Controlled
Oscillator
V IPRECHG
V ICHG
V ISET
~100mV
Fast - Charge
Timer
Pre -Charge
Timer
Halt
timers
Timer
fault
EN2
AC
TS
SYS
BAT
ISET
ChargeControl
IBAT (DET)
V IN -LOW
V BAT
OUT-SC2
Reset
timers
tDGL(TS)
Timers
disabled
IBIAS -
ITERM
V OUT
Supplement
ITERM -
floating
tDGL(SC2)
250mV
40mV
V DIS(TS)
~3V
<I_TERM0>
<I_TERM1>
<IN_CUR_LIM>
<USB_SUSP>
<CH_VLT0>
<CH_VLT1>
< I_PR_CH0>
< I_PR_CH1>
<
>
<
>
<V_ DPM>
<TERM_DIS>
<USB_SUSP>
<CH_EN>
<DYN_TMR>
<TH_LOOP>
<SFTY_TMR_0>
<SFTY_TMR1>
<PR_ CH_TMR>
<TMR_F>
<VOUT_0>
<VOUT_1>
<TS_ON>
<TS_HOT>
<TS_COLD>
<E_I_TS>
<CH_DONE>
<PGOOD>
T3L : TD
T3L:/GHG
T3L:/PGOOD
T3L:ITERM
T3L:/CE
I_CH_SCL0
I_CH_SCL1
TPS65720
TPS65721
www.ti.com
SLVS979 – OCTOBER 2009
Figure 23. Charger Block Diagram
BATTERY CHARGING
When <CH_EN>=1, battery charging begins. First, the device checks for a short circuit on the BAT pin by
sourcing IBAT(SC) to the battery and monitoring the voltage. When the BAT voltage exceeds VBAT(SC), the battery
charging continues. The battery is charged in three phases: conditioning precharge, constant-current fast charge
(current regulation) and a constant-voltage tapering (voltage regulation). In all charge phases, an internal control
loop monitors the IC junction temperature and reduces the charge current if an internal temperature threshold is
exceeded.
Figure 24 shows what happens in each of the three phases:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS65720 TPS65721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com