Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 242 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 242 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 238Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 239Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 240Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 241Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 242Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 243Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 244Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 245Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 246Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
164
Freescale Semiconductor
NOTE
The PCR must only be modified during system reset, or while the Nexus is
otherwise idle or disabled to insure correct output port and output clock
functionality
11.10.4 Nexus Register Access via JTAG
Access to Nexus register resources is enabled by loading a single instruction (“NEXUS-ACCESS”) into the
JTAG Instruction Register (IR). For the A7S Nexus3 block, the JTAG IR value is programmable at the
platform or SoC integration level. It can be programmed to any of the non-ARM7 implemented IR values.
Table below shows the current ARM7 IR values (as defined by ARM).
Table 11-34. PCR Field Description
Field
Description
31–30
OPC
Output Port Mode Control
00 Reduced Port Mode (2 bits)
01 Reduced Port Mode (2 bits)
10 Reduced Port Mode (2 bits)
11 Full Port Mode (8 bits)
29
MCK_EN
Nexus Message Clock Enable
1 Nexus Message Clock (MCKO) is enabled
0 Nexus Message Clock (MCKO) is disabled
28–26
MCK_DIV
Nexus Message Clock Divide Ratio
000
MCKO is 1x the processor clock freq.
001
MCKO is 1/2x the processor clock freq.
010
Reserved
011
MCKO is 1/4x the processor clock freq.
100–110 Reserved
111
MCKO is 1/8x the processor clock freq.
25
MSC
MSEO Pin Control
0 Select 1 MSEO pin
1 Select 2 MSEO pins
24–0
Reserved for future functionality (read as 0)
Table 11-35. ARM7 JTAG Instructions
IR[3:0]
Usable for NEXUS-ACCESS?
JTAG Instruction
0x0
NO
EXTEST (ARM720T)
0x1
YES
not publicly implemented
0x2
NO
SCAN_N (ARM7TDMI-S)
0x3
NO
SAMPLE/PRELOAD (ARM720T)
0x4
NO
RESTART (ARM7TDMI-S)
0x5
NO
CLAMP (ARM720T)
0x6
YES
not publicly implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com