Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
xv
13.2.2.1
Processor Core Type (PCT) .....................................................................................245
13.2.2.2
Revision (REV) .......................................................................................................246
13.2.2.3
AXBS Master Configuration (AMC) ......................................................................246
13.2.2.4
AXBS Slave Configuration (ASC)..........................................................................247
13.2.2.5
IPS Module Configuration (IMC) ...........................................................................247
13.2.2.6
Miscellaneous Reset Status Register (MRSR) ........................................................248
13.2.2.7
Miscellaneous Wakeup Control Register (MWCR) ................................................249
13.2.2.8
Miscellaneous Software Watchdog Timer Control Register (MSWTCR) ..............250
13.2.2.9
Miscellaneous Software Watchdog Timer Service Register (MSWTSR) ...............252
13.2.2.10
Miscellaneous Interrupt Register (MIR)..................................................................253
13.2.2.11
AXBS Address Map Register (AAMR) ..................................................................254
13.2.2.12
Miscellaneous User-Defined Control Register (MUDCR)......................................255
13.2.2.13
NMI Control Register (NMICR) .............................................................................256
13.2.2.14
Peripheral Power Management Registers (PPMR)..................................................257
13.2.2.14.1
Peripheral Power Management Set Register (PPMRS).......................................257
13.2.2.14.2
Peripheral Power Management Clear Register (PPMRC)...................................258
13.2.2.14.3
Peripheral Power Management Set Register 1 (PPMRS1)..................................259
13.2.2.14.4
Peripheral Power Management Clear Register 1 (PPMRC1)..............................259
13.2.2.14.5
Peripheral Power Management Register (PPMR{H,L}).....................................260
13.2.2.14.6
Peripheral Power Management Register 1 (PPMR1{H,L})................................261
13.2.2.15
ECC Registers..........................................................................................................263
13.2.2.15.1
ECC Configuration Register (ECR) ....................................................................263
13.2.2.15.2
ECC Status Register (ESR) .................................................................................265
13.2.2.15.3
ECC Error Generation Register (EEGR).............................................................266
13.2.2.15.4
Flash ECC Address Register (FEAR) .................................................................269
13.2.2.15.5
Flash ECC Master Number Register (FEMR).....................................................270
13.2.2.15.6
Flash ECC Attributes Register (FEAT) ...............................................................271
13.2.2.15.7
Flash ECC Data Register (FEDR) .......................................................................272
13.2.2.15.8
RAM ECC Address Register (REAR).................................................................272
13.2.2.15.9
RAM ECC Syndrome Register (RESR) ..............................................................273
13.2.2.15.10
RAM ECC Master Number Register (REMR)....................................................274
13.2.2.15.11
RAM ECC Attributes Register (REAT) ..............................................................275
13.2.2.15.12
RAM ECC Data Register (REDR) ......................................................................276
13.2.2.16
Core Data Fault Recovery Registers........................................................................277
13.2.2.16.1
Core Fault Address Register (CFADR) ...............................................................277
13.2.2.16.2
Core Fault Location/Interrupt Enable Register (CFLOC1) .................................278
13.2.2.16.3
Core Fault Location Register (CFLOC) ..............................................................279
13.2.2.16.4
Core Fault Attributes Register (CFATR) .............................................................279
13.2.2.16.5
Core Fault Data Register (CFDTR).....................................................................280
13.3
MCM as Implemented on MAC7200 ..............................................................................281
13.3.1
MCM Introduction.......................................................................................................281
13.3.2
MCM Features .............................................................................................................282
13.3.2.1
Processor Core Type (PCT) .....................................................................................282
13.3.2.2
Revision ID (REV) ..................................................................................................283
13.3.2.3
AXBS Master/Slave Configuration .........................................................................283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com