Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 62Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 63Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 64Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 65Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 66Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 67Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 68Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 69Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 976 page
background image
Conventions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
lxvi
Freescale Semiconductor
Conventions
The following table gives conventions for terms used throughout this document.
Terminology
The following table lists definitions for abbreviations and names used throughout this document
Table i. Conventions
Terms
Description
logic level one
The voltage level that corresponds to a Boolean true (1) state.
logic level zero
The voltage level that corresponds to a Boolean false (0) state.
ACTIVE_HIGH
Names for signals that are active high are shown in uppercase text without an overbar. Signals
that are active high are referred to as asserted when they are logic 1 and negated when they
are logic 0.
ACTIVE_LOW
A bar over a signal name indicates that the signal is active low. Active-low signals are referred
to as asserted when they are logic 0 and negated when they are logic 1.
asserted
Signal is in the active logic state. In active high logic, the signal is asserted when it changes to
logic level one; in active low logic, the signal is asserted when it changes to logic zero.
negated
Signal is in the inactive logic state. In active high logic, the signal is negated when it changes to
logic level zero; in active low logic, the signal is negated when it changes to logic level one.
set
To establish logic level one on a bit or bits
clear
To establish logic level zero on a bit or bits
0x0000
Hexadecimal numbers
0b0000
Binary numbers
n
Indicates a numeric place holder. In register field contexts, indicates a value that may be written
or read. In register names, indicates any one of a set of multiple, identical registers. For
example, UCCRn indicates a reference to any one of the eMIOS Channel Control Registers,
UCCR0 through UCCR15.
x
In certain contexts, such as bit or signal encoding, this indicates a don’t care. For example, if a
four-bit binary field is represented as 0bx001, the state of the first bit is a don’t care. In other
contexts, such as module or register names, this is a place holder for a letter to designate a
module instantiation. For example, eSCI_x indicates a reference to either eSCI_A or eSCI_B.
b
Bit place holder
Byte
8 bits
Half-word
16 bits
Word
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com