Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 27Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 28Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 29Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 30Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 31Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 32Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 33Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 34Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
xxxi
30.12.6
Continuous Serial Communications Clock..................................................................614
30.12.7
Interrupts/DMA Requests ............................................................................................615
30.12.7.1
End of Queue Interrupt Request ..............................................................................615
30.12.7.2
Transmit FIFO Fill Interrupt or DMA Request .......................................................616
30.12.7.3
Transfer Complete Interrupt Request ......................................................................616
30.12.7.4
Transmit FIFO Underflow Interrupt Request ..........................................................616
30.12.7.5
Receive FIFO Drain Interrupt or DMA Request .....................................................616
30.12.7.6
Receive FIFO Overflow Interrupt Request..............................................................616
30.12.8
Power Saving Features.................................................................................................616
30.12.8.1
External Stop Mode .................................................................................................617
30.12.8.2
Module Disable Mode .............................................................................................617
30.12.8.3
Signal Gating ...........................................................................................................618
30.13
Initialization/Application Information .............................................................................618
30.13.1
How to Change Queues ...............................................................................................618
30.13.2
Baud Rate Settings.......................................................................................................619
30.13.3
Delay Settings ..............................................................................................................619
30.13.4
Oak Family Compatibility with the DSPI ...................................................................620
30.13.5
Calculation of FIFO Pointer Addresses .......................................................................621
30.13.5.1
Address Calculation for the First-in Entry and Last-in Entry in the TX FIFO........622
30.13.5.2
Address Calculation for the First-in Entry and Last-in Entry in the RX FIFO .......622
Chapter 31
Enhanced Serial Communications Interface (eSCI)
31.1
Introduction to the eSCI on MAC7200............................................................................625
31.1.1
Block Diagram.............................................................................................................626
31.2
eSCI Features ...................................................................................................................627
31.2.1
LIN support..................................................................................................................627
31.2.2
Modes of Operation .....................................................................................................628
31.3
eSCI Protocol ...................................................................................................................628
31.3.1
LIN Protocol Summary................................................................................................628
31.4
eSCI Implementation .......................................................................................................630
31.5
eSCI External Pins ...........................................................................................................630
31.5.1
SCI Transmit Pin (TXD_A, TXD_B) ..........................................................................630
31.5.2
SCI Receive Pin (RXD)...............................................................................................630
31.6
eSCI Bus Aborts ..............................................................................................................630
31.7
eSCI Differences from MAC71xx ...................................................................................630
31.8
eSCI Application Usage...................................................................................................631
31.8.1
Enabling the eSCI ........................................................................................................631
31.9
Memory Map and Register Definition.............................................................................631
31.9.1
Memory Map ...............................................................................................................631
31.9.2
Register Descriptions...................................................................................................634
31.9.2.1
SCI Baud Rate Registers .........................................................................................634
31.9.2.2
SCI Control Register 1.............................................................................................635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com