Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 976 page
background image
Debug Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
22
Freescale Semiconductor
In addition to the above mode, each peripheral may be individually disabled in order to minimize power
consumption for those peripherals not used in a particular application.
Please consult the relevant chapter for information on the module behavior in Doze Mode. An important
source of information about the clocks in the system is Chapter 23, “Clock and Reset Generator (CRG)”.
See Chapter 3, “Low Power Modes” for more detailed information on low power modes.
2.8.1
Doze
In Doze mode the device can be configured to selectively halt the operation of individual peripherals. In
this mode it is possible to maintain operation of the DMA. For further power consumption savings, the
Real Time Interrupt and Watchdog can be disabled. This mode is entered by writing to the DOZE register
in the CRG. Wake up from this mode can be via a reset, an RTI (if enabled), an SWT event (if enabled), a
Self clock mode interrupt, a peripheral interrupt, an external interrupt, or the core clearing the DOZE
register.
2.8.2
Run
Although this is not a low power mode, it is possible to enable power savings when operating in Run mode
by disabling specific peripherals which are not required in the application. This is done with the MDIS
register bit in the particular peripheral.
2.9
Debug Mode
In addition to the functional chip modes and low power modes described above, the MAC72xx supports a
Debug mode. By placing the system in Debug mode, the following actions occur:
•
The ARM7 core is placed into Halt Mode or Monitor Mode, depending on the state of the DCR[4]
bit.
•
The Real Time Interrupt (RTI) clock is shut off
•
The Software Watchdog Timer (SWT) clock is shut off
•
All peripheral level debug features are enabled
—DMA2
— FlexCAN2
— DSPI
—eMIOS
—ATD
— MCM (Software Watchdog Timer)
More information on system debug features can be found in Chapter 8, “Debug”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com