Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 85Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 86Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 87Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 88Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 89Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 90Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 91Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 976 page
background image
Modes of Operation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
10
Freescale Semiconductor
Note that resetting the device is mandatory in all three cases.
1.3.1
Single Chip mode (Unsecured)
EICE/Nexus/JTAG active
— Enable TCK, TDI, TDO and DBGEN
FlexBus available at $2000 0000
Boot from Flash main array at $0000 0000
— Shadow Block available at $00f0 0000
JTAG Lockout Recovery is available
1.3.2
Single Chip mode (Secured)
No EICE/Nexus/JTAG
— Disable DBGEN and Nexus clock(s)
No FlexBus
Boot from Flash main array at $0000 0000
— Shadow Block available at $00f0 0000
JTAG Lockout Recovery is available
1.3.3
PBL Chip mode (Secured)
Same as Single Chip mode, except boot from the Shadow Block
No EICE/Nexus/JTAG
— Disable DBGEN and Nexus clock(s)
No FlexBus
Relocate Shadow Block to $0000 0000
Table 1-3. Chip Mode Encodings
MODA
(PD1)
MODB
(PD0)
Flash
Secured ?
Chip Mode
0
0
Yes
Single Chip Secured Mode
0
1
Yes
Expanded Chip Secured Mode
1
0
Yes
PBL Secured Mode
1
1
Yes
Reserved
0
0
No
Single Chip Unsecured Mode
0
1
No
Expanded Chip Unsecured Mode
1
0
No
PBL Unsecured Mode
1
1
No
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com