Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 63Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 64Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 65Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 66Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 67Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 68Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 69Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 70Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 976 page
background image
Terminology
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
lxvii
Table ii. Terminology
Terms
Description
Active Message
Buffer
A Message Buffer is said to be “active” if it can participate in the current matching or arbitration
process. An Rx MB with a ‘0000’ code is inactive. Similarly, a Tx MB with a ‘1000’ code is also
inactive. An MB is temporarily deactivated when the CPU writes to the C/S field (see
Section 28.2.7.6.1, “Message Buffer Deactivation).”
ADB
Allowable disconnect boundary
ADC
Analog to Digital converter: A module to convert analog signals into digital (binary) values
AIPS
AMBA™ to IPS interface unit
ALC
Amplitude Limitation Control
ATD
Analog-to-digital (converter). Frequently used synonymously with ADC
ATM
Asynchronous transfer mode
ATMU
Address translation and mapping unit
Auxiliary Port
Refers to Nexus auxiliary port. Used as auxiliary port to the IEEE 1149.1 JTAG interface.
Baud Rate
Rate of data transmission in bits per second.
BD
Buffer descriptor
BDM
Background Debug Module
BIU
Bus Interface Unit, contains all system level customization required to make the H7Fb module
part of an SoC.
Branch Trace
Messaging (BTM)
Visibility of addresses for taken branches and exceptions, and the number of sequential
instructions executed between each taken branch.
Breakpoint
Processor is halted when all previous instructions are retired and just prior to any architectural
state change by the instruction associated with a pre-selected address.
CAN
Controller Area Network, a serial communication protocol.
CFM
Common Flash Module. Acronym used throughout this document to reference the Flash
memory module. The CFM includes the Common Flash bus interface, IP bus interface, Flash
command controller, Flash memory controller, and Flash arrays.
Clock Phase
Determines when the data should be sampled relative to the active edge of SCK
Clock Polarity
Determines the idle state of the SCK signal.
CM
Clock Monitor
coherency / coherent
access
Coherent access is used to indicate an action to guarantee data consistency, preventing data
from being accessed simultaneously using different methods in such a way that it is not
completely updated before being used.
Command Write
Sequence
A three-stop command instruction sequence to program, erase, or verify the Flash memory.
CP
Clock Prescaler
CPI
CAN Protocol Interface, a FlexCAN sub-module containing the CAN protocol engine.
CPU
Central Processor Unit
CRC
Cyclic Redundancy Check.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com