Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 92Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 93Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 976 page
background image
MCU Mode Selection
MAC7200 Microcontroller Family Reference Manual, Rev. 2
18
Freescale Semiconductor
Once the MCU Mode has been set, it may only be changed by any of the following:
•
Securing the flash, and resetting the device. In this case the mode changes from “Normal XX
Mode” to “Secured XXX Mode”.
•
Unsecuring the flash, and resetting the device. In this case the mode changes from “Secured XXX
Mode” to “Normal XXX Mode”.
•
Changing the MODA/MODB pins and resetting the device. In this case the mode changes from
“Normal XXX Mode” to “Normal YYY Mode” or from “Secured XXX Mode” to “Secured YYY
Mode”.
Note that resetting the device is mandatory in all three cases.
2.4.1
Normal Single Chip Mode
In Normal Single Chip Mode, the system boots from the Flash main array. The system may be configured
to enable the external bus.
•
EICE/Nexus/JTAG active
— Enable TCK, TDI, TDO and DBGEN
•
FlexBus available at $2000 0000
•
Boot from Flash main array at $0000 0000
— Shadow Block available at $00f0 0000
•
JTAG Lockout Recovery is available
2.4.2
Secured Single Chip Mode
In Secured Single Chip Mode, the system boots from the Flash main array. The external bus interface is
unavailable.
•
No EICE/Nexus/JTAG
— Disable DBGEN and Nexus clock(s)
Table 2-2. MCU Mode Selection
MODA
(PD1)
MODB
(PD0)
Flash
Secured ?
Chip Mode
0
0
No
Normal Single Chip Mode
0
1
No
Normal Expanded Mode
1
0
No
Normal Primary Bootloader Mode
1
1
No
Reserved for future use
0
0
Yes
Secured Single Chip Mode
0
1
Yes
Secured Expanded Mode
1
0
Yes
Secured Primary Bootloader Mode
1
1
Yes
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com