Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 77Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 78Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 79Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 80Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 81Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 82Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 83Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 84Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 976 page
background image
Features
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
3
— DMA transfers possible between system memories, SPIs, SCIs, I2C, ATD, eMIOS and General
Purpose I/Os
— Programmable DMA Channel Mux allows assignment of any DMA source to any of the 16
available DMA channels.
— All DMA transfers use dual address format.
— Programmable Transfer Control Descriptor stored in local DMA memory.
— Programmable Source and Destination address with configurable offset.
— Independent 32-bit Minor and 16-bit Major loop counters for “nested” transfers.
— Different final Source and Destination addresses allow circular Queue operation.
— Programmable priority levels for each channel.
— Bandwidth control for each channel.
— Programmable transfer sizes through Major and Minor loop counters.
— Independently Programmable read/write sizes.
— Periodic triggering of up to 8 channels.
— Round Robin channel prioritization
— Scatter-Gather functionality
— Inner Loop channel pre-emption
— Channel to Channel linking
— Software or Hardware start
•
Analog-to-Digital Converter
— Up to 16 analog input channels.
— 12-bit resolution 9-bit accuracy.
—2
μS minimum conversion time.
— Internal sample and hold circuitry.
— Pre-measurement discharge of internal Sample and Hold circuit possible for all channels.
— Programmable input sample time for various source impedances.
— Queued conversion sequences supported by DMA controller.
— Analog inputs configurable as external sample triggers.
— On-chip timer triggers for sampling.
•
Two 1M bit per second, CAN 2.0 A/B software compatible modules (FlexCAN)
— Full implementation of the CAN 2.0 protocol specification.
— Programmable bit rate up to 1Mbps.
— 32 flexible Mail Boxes of 0-8 bytes data length on all modules.
— All Mail Boxes configurable for either Rx/Tx.
— Unused Mail Boxes space can be used as general purpose RAM.
— Supports standard or extended messages.
— “Time Stamp”, based on a 16-bit free-running counter.
— Maskable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com