| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 976 page ![]() MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor li 34-12 Global Interrupt Status Register (GLBLINT)......................................................................825 34-13 PIM Configuration Register (PICONFIG)...........................................................................825 34-14 Pin Configuration Register (CONFIG_TDI) .......................................................................826 34-15 Pin Configuration Register (CONFIG_TDO)......................................................................827 34-16 Pin Configuration Register (CONFIG_TMS)......................................................................828 34-17 Pin Configuration Register (CONFIG_TCK) ......................................................................829 34-18 Pin Configuration Register (CONFIG_RESET)..................................................................830 34-19 Pad in Peripheral Mode (including pad PD2) ......................................................................833 34-20 Pad in GPI Mode (including pad PD2) ................................................................................836 34-21 External Interrupt Timing Requirements .............................................................................838 34-22 Pad in GPO Mode (except pad PD2) ...................................................................................839 34-23 Pad PD2 in GPO Mode ........................................................................................................840 34-24 I/O Pad Control (Overview).................................................................................................841 34-25 I/O Pad Control (Detailed View) .........................................................................................842 34-26 PIM Peripheral Muxing .......................................................................................................843 34-27 I/O Pad Control Cell Architecture (in PIM core).................................................................844 A-1 Basic PLL Functional Diagram ...........................................................................................871 A-2 General Purpose Input Timing Specifications .....................................................................874 A-3 General Purpose Output Timing Specifications ..................................................................875 A-4 Nexus Output Timing Specifications...................................................................................876 A-5 JTAG Port Timing Specifications........................................................................................877 A-6 SPI Master Timing (CPHA = 0) ..........................................................................................878 A-7 SPI Master Timing (CPHA = 1) ..........................................................................................879 A-8 SPI Slave Timing (CPHA = 0).............................................................................................880 A-9 SPI Slave Timing (CPHA = 1).............................................................................................880 A-10 External Bus Input Timing Specifications ...........................................................................881 A-11 Read/Write (Internally Terminated) Bus Timing ................................................................883 A-12 Read Bus Cycle Terminated by TA .....................................................................................884 A-13 ATD Accuracy Definitions ..................................................................................................888 A-14 ATD External Trigger Timing Diagram ..............................................................................890 A-15 I2C Input/Output Timings ....................................................................................................891 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |