Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 33Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 34Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 35Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 36Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 37Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 38Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 39Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 40Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
xxxvii
33.12.2.3.3
Determine Gain Constant GCC / Determine Offset Constant OCC....................781
33.12.2.3.4
Adjustment Example ...........................................................................................782
33.12.3
Conversion Examples ..................................................................................................782
33.12.3.1
Example 1: A Simple Conversion ...........................................................................783
33.12.3.2
Example 2: A Simple Conversion Sequence (Convert then Pause) ........................783
33.12.3.3
Example 3: Interrupted Conversion Sequence ........................................................785
33.12.3.4
Example 4: Edge-triggered Conversion...................................................................786
33.12.3.5
Example 5: Level-triggered Conversion..................................................................787
33.12.3.6
Example 6: Queue Running Idle..............................................................................789
33.12.3.7
Example 7: Entering Low-power Mode During a Conversion................................789
33.12.3.8
Example 8: Debug Mode .........................................................................................790
33.12.3.9
Conversion Mechanism (bits CWCH, CWNF, CWGI, CWSC, CWAR) ................791
33.12.4
Reset.............................................................................................................................792
33.12.5
Interrupts......................................................................................................................792
Chapter 34
Port Integration Module (PIM_MAC7202)
34.1
Introduction......................................................................................................................795
34.1.1
Overview......................................................................................................................795
34.1.2
Features........................................................................................................................798
34.1.3
Modes of Operation .....................................................................................................798
34.1.3.1
Peripheral Mode (CONFIG::MODE[1:0] ¼ 0 0) ....................................................798
34.1.3.2
GPIO Output Mode (CONFIG::MODE[1:0] = 0 0, CONFIG::DDR = 1) ..............799
34.1.3.3
GPIO Input Mode (CONFIG::MODE[1:0] = 0 0, CONFIG::DDR = 0).................799
34.2
External Signal Description .............................................................................................799
34.2.1
Port A...........................................................................................................................803
34.2.2
Port B ...........................................................................................................................803
34.2.3
Port C ...........................................................................................................................803
34.2.4
Port D...........................................................................................................................804
34.2.5
Port E ...........................................................................................................................804
34.2.6
Port F............................................................................................................................804
34.2.7
Port G...........................................................................................................................804
34.3
PIM Bus Aborts ...............................................................................................................805
34.4
PIM Differences from MAC71xx ....................................................................................805
34.5
PIM Application Usage ...................................................................................................805
34.5.1
Enabling the PIM .........................................................................................................805
34.5.2
Using Single Pins in a Port ..........................................................................................806
34.5.3
Pin versus Port Registers .............................................................................................806
34.5.4
Peripheral Muxing .......................................................................................................806
34.6
Memory Map and Register Definition.............................................................................808
34.6.1
Register Descriptions...................................................................................................816
34.6.1.1
Pin Configuration Register (Port A, B, C, D, F, G) .................................................816
34.6.1.2
Pin Configuration Register (Port E) ........................................................................818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com