Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 99Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 100Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 101Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 102Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 103Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 104Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 105Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 106Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 976 page
background image
System Wakeup
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
25
•
Core clears the MDIS bit in the peripheral
3.5
System Wakeup
Because the interrupt controller has a combinatorial bypass signal, that is active even during low power
modes, all interrupt sources in the system will serve as wakeup signals, with a flexible priority masking
scheme (i.e.-only interrupts above a certain priority will wake the system).
This gives us the following sources to wake up the system:
The general flow to setup a wakeup is as follows:
1. Set the ENBWCR bit in the MWCR register in the MCM
2. Set the PRILVL[3:0] bits in the MWCR register in the MCM
3. Clear any pending interrupts in the peripheral(s) that will be used to generate wakeup interrupts
4. Set the appropriate level in the ICR register in the interrupt controller corresponding to the interrupt
source(s) that will be used for wakeup
5. Write the IMRL and/or IMRH registers in the interrupt controller to enable all interrupts that will
be used for wakeup
6. Setup the interrupt(s) in the peripheral(s) that will be used to generate wakeup interrupts.
Generally, this involves setting an interrupt enable and clearing an interrupt mask
Once the system has woken up, the general flow to identify the source of the wakeup is as follows:
1. Read the IPRH and IPRL registers in the interrupt controller to determine which (if any) interrupt
wakeup sources are pending
2. Once the wakeup sources have been identified, clear all sources
3.6
Low Power Mode Differences from MAC71xx
•
STOP mode is not supported
•
Wakeup from DOZE is only on interrupts now
— Wakeup from VREG API is removed
— Wakeup from PIM Keypad Wake-Up (KWU) is removed. Wakeup from an external source can
still be done using the normal interrupt functionality of the PIM.
Table 3-2. Wakeup Sources
Where to
enable
Pending Status
in INTC ?
Where to
clear
Interrupt
Peripheral
INTC
MCM (MWCR reg)
Yes
Peripheral
INTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com