Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 267 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 267 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 265Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 266Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 267Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 268Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 269Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 270Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
189
11.11.5.5 Timing Diagram
Figure 11-51. A7S Nexus3 DMA clock relationships
The A7S Nexus3 Read/Write access timing meets the timing requirements for the AHB. The Nexus
module uses the processor clock gated with an AHB clock enable for all DMA transfers. This clock will
correspond to the rising edge of the actual AHB clock. The timing diagram in Figure 11-51 above shows
the relationship between the processor clock (CLK), the AHB clock (HCLK) and the AHB clock enable
(HCLKEN) for DMA writes and reads. Using this clocking method for Nexus read/write access eliminates
the need for a separate asynchronous clock input into the A7S Nexus3 module.
11.11.6 System Status
11.11.6.1 Debug Status Messages
Debug Status Messages report low power mode and debug status. Entering/exiting Debug Mode as well
as entering a Low Power Mode will trigger a Debug Status Message. Debug status information is sent out
in the following format:
(5 bits)
(4 bits)
(6 bits)
Error Code (00011)
Src. Proc.
TCODE (001000)
Fixed length = 15 bits
Figure 11-50. Error Message Format
(8 bits)
(4 bits)
(6 bits)
DS[31:24]
SRC
TCODE (000000)
Fixed length = 18 bits
Figure 11-52. Debug Status Message Format
CLK
HCLKEN
HCLK
AHB outputs (from Nexus)
AHB inputs (@ Nexus reg.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com