Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 292 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 292 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 288Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 289Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 290Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 291Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 292Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 293Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 294Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 295Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
214
Freescale Semiconductor
bit is set, then the corresponding DMAERQ bit is cleared, disabling the DMA request; else if the d_req bit
is cleared, the state of the DMAERQ bit is unaffected.
12.2.4.1.4
DMA Enable Error Interrupt (DMAEEIH, DMAEEIL)
The DMAEEI{H,L} registers provide a bit map for the implemented channels {16,32,64} to enable the
error interrupt signal for each channel. DMAEEIH supports channels 63-32, while DMAEEIL covers
channels 31-00. The state of any given channel’s error interrupt enable is directly affected by writes to this
register; it is also affected by writes to the DMASEEI and DMACEEI registers. The DMA{S,C}EEI
registers are provided so that the error interrupt enable for a single channel can easily be modified without
the need to perform a read-modify-write sequence to the DMAEEI{H,L} registers.
Both the DMA error indicator and this error interrupt enable flag must be asserted before an error interrupt
request for a given channel is asserted. See Figure 12-5 and Table 12-8 for the DMAEEI definition.
Register address: DMA_Offset + 0x0010 (DMAEEIH), + 0x0014 (DMAEEIL)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
0000000000000000
W
Reset
0000000000000000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
W
Reset
0000000000000000
Figure 12-5. DMA Enable Error Interrupt (DMAEEIH, DMAEEIL) Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com