Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 4 Page - Texas Instruments

  DAC3282 Datasheet HTML 1Page - Texas Instruments DAC3282 Datasheet HTML 2Page - Texas Instruments DAC3282 Datasheet HTML 3Page - Texas Instruments DAC3282 Datasheet HTML 4Page - Texas Instruments DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
DAC3282
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DACCLKP
3
I
Positive external LVPECL clock input for DAC core with a self-bias of approximately CLKVDD18/2.
DACCLKN
4
I
Complementary external LVPECL clock input for DAC core. (see the DACCLKP description)
DAC core supply voltage. (1.8 V)
DACVDD18
2, 35
I
It is recommended to isolate this supply from CLKVDD18 and DIGVDD18.
LVDS positive input data clock. This positive/negative pair has an internal 100
Ω termination resistor.
DATACLKP
17
I
Input data D[7:0]P/N is latched on both edges of DATACLKP/N (Double Data Rate) with two data
transfers input per DATACLKP/N clock cycle.
DATACLKN
18
I
LVDS negative input data clock. (See DATACLKP description)
Digital supply voltage. (1.8V)
DIGVDD18
8, 29
I
It is recommended to isolate this supply from CLKVDD18 and DACVDD18.
Used as external reference input when internal reference is disabled through CONFIG25 extref_ena =
EXTIO
44
I/O
‘1’. Used as internal reference output when CONFIG25 extref_ena = ‘0’ (default). Requires a 0.1 mF
decoupling capacitor to AGND when used as reference output.
LVDS frame indicator positive input. This positive/negative pair has an internal 100
Ω termination
resistor. This signal is captured with the rising edge of DATACLKP/N and used to indicate the
FRAMEP
19
I
beginning of the frame. It is also used as a reset signal by the FIFO. The FRAMEP/N signal should be
edge-aligned with D[7:0]P/N.
FRAMEN
20
I
LVDS frame indicator negative input. (See the FRAMEN description)
5, Thermal
GND
I
Pin 5 and the Thermal Pad located on the bottom of the QFN package is ground for all supplies.
Pad
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a
IOUTA1
38
O
full scale current sink and the least positive voltage on the IOUTA1 pin. Similarly, a 0xFFFF data input
results in a 0 mA current sink and the most positive voltage on the IOUTA1 pin.
A-Channel DAC complementary current output. The IOUTA2 has the opposite behavior of the IOUTA1
IOUTA2
39
O
described above. An input data value of 0x0000 results in a 0 mA sink and the most positive voltage
on the IOUTA2 pin.
IOUTB1
47
O
B-Channel DAC current output. Refer to IOUTA1 description above.
IOUTB2
46
O
B-Channel DAC complementary current output. Refer to IOUTA2 description above.
LVPECL output strobe positive input. This positive/negative pair is captured with the rising edge of
OSTRP
6
I
DACCLKP/N. It is used to reset the clock dividers and for multiple DAC synchronization. If unused it
can be left floating.
OSTRN
7
I
LVPECL output strobe negative input. (See the OSTRP description)
RESETB
36
I
1.8V CMOS active low input for chip RESET. Internal pull-up.
SCLK
32
I
1.8V CMOS serial interface clock. Internal pull-down.
SDENB
33
I
1.8V CMOS active low serial data enable, always an input to the DAC3282. Internal pull-up.
1.8V CMOS serial interface data. Bi-directional in 3-pin mode (default). In 4-pin interface mode, the
SDIO
31
I/O
SDIO pin is an input only. Internal pull-down.
1.8V CMOS active high input. TXENABLE must be high for the DATA to the DAC to be enabled.
TXENABLE
30
I
When TXENABLE is low, the digital logic section is forced to all 0, and any input data is ignored.
Internal pull-down.
Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to
VFUSE
41
I
DACVDD18 pins for normal operation.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com