Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 19Page - Texas Instruments DAC3282 Datasheet HTML 20Page - Texas Instruments DAC3282 Datasheet HTML 21Page - Texas Instruments DAC3282 Datasheet HTML 22Page - Texas Instruments DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
Register name: CONFIG0 – Address: 0x00, Default: 0x70
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG0
0x00
7
qmc_offset_ena
When asserted the DAC offset correction is enabled.
0
When asserted the FIFO is enabled. When the FIFO is bypassed
6
fifoin_ena
1
DACCCLKP/N and DATACLKP/N must be aligned to within t_align.
5
fifo_reset_ena
Allows the FRAME input to act as a FIFO write reset when asserted..
1
Allows the FRAME or OSTR signals to be used as a sync signal when
4
multi_sync_ena
asserted.
1
This selection is determined by multi_sync_sel in register CONFIG19.
When asserted the ALARM_SDO pin becomes an output. The
3
alarm_out_ena
functionality of this pin is controlled by the CONFIG6 alarm_mask
0
setting.
This bit changes the polarity of the ALARM signal. (0=negative logic,
2
alarm_pol
0
1=positive
1:0
mixer_func(1:0)
Controls the function of the mixer block.
00
Mode
mixer_func(1:0)
Normal
00
High Pass(Fs/2)
01
Fs/4
10
–Fs/4
11
Register name: CONFIG1 – Address: 0x01, Default: 0x11
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG1
0x01
7
Unused
Reserved for factory use.
0
6
Unused
Reserved for factory use.
0
5
Unused
Reserved for factory use.
0
4
fir_ena
When asserted the chip does 2X interpolation of the data.
1
When asserted, the zero-IF sinc correction filter is enabled. This filter
3
fir4_ena
0
cannot be used unless fir_ena is asserted.
2
iotest_ena
When asserted enables the data pattern checker operation.
0
1
Unused
Reserved for factory use.
0
When asserted the inputs are expected to be in 2’s complement
0
twos
format. When de-asserted the input format is expected to be
1
offset-binary.
Register name: CONFIG2 – Address: 0x02, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG2
0x02
7
Unused
Reserved for factory use.
0
6
Unused
Reserved for factory use.
0
5
Unused
Reserved for factory use.
0
4
Unused
Reserved for factory use.
0
3:0
output_delay(3:0)
Delays the output to the DACs from 0 to 15 DAC clock cycles.
0000
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com