Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 1 Page - Texas Instruments

  DAC3282 Datasheet HTML 1Page - Texas Instruments DAC3282 Datasheet HTML 2Page - Texas Instruments DAC3282 Datasheet HTML 3Page - Texas Instruments DAC3282 Datasheet HTML 4Page - Texas Instruments DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
Check for Samples: DAC3282
1
FEATURES
DESCRIPTION
•
Dual, 16-Bit, 625 MSPS DACs
•
8-Bit Input LVDS Data Bus
The DAC3282 is a dual-channel 16-bit 625 MSPS
digital-to-analog converter (DAC) with an 8-bit LVDS
–
Byte-Wide Interleaved Data Load
input data bus with on-chip termination, optional 2x
–
8 Sample Input FIFO
interpolation filter, and internal voltage reference. The
–
Optional Data Pattern Checker
DAC3282 offers superior linearity, noise and crosstalk
performance.
•
Multi-DAC Synchronization
•
Optional 2x Interpolation Filter
Input data can be interpolated by 2x through an
on-chip interpolating FIR filter with over 85 dB of
•
Zero-IF Sinc Correction Filter
stop-band attenuation. Multiple DAC3282 devices can
•
Fs/2 and ± Fs/4 Coarse Mixer
be fully synchronized.
•
Digital Offset Adjustment for LO Correction
The DAC3282 allows either a complex or real output.
•
Temperature Sensor
An optional coarse mixer in complex mode provides
•
3- or 4-Wire Serial Control Interface
frequency upconversion and the dual DAC output
produces a complex Hilbert Transform pair. The
•
On Chip 1.2-V reference
digital offset correction feature allows optimization of
•
Differential Scalable Output: 2 to 20 mA
LO feed-through of an external quadrature modulator
•
Low Power: 950 mW at 625 MSPS, 845 mW at
performing
the
final
single
sideband
RF
500 MHz, Full Operating Conditions
up-conversion.
•
Space Saving Package: 48-pin 7×7mm QFN
The DAC3282 is characterized for operation over the
entire industrial temperature range of –40°C to 85°C
APPLICATIONS
and is available in a 48-pin 7×7mm QFN package.
•
Cellular Base Stations
•
Diversity Transmit
•
Wideband Communications
•
Digital Synthesis
spacer for space above the ordering information table
spacer for space above the ordering information table
ORDERING INFORMATION
PACKAGE
TRANSPORT
TA
ORDER CODE
QUANTITY
DRAWING/TYPE(1) (2)
MEDIA
DAC3282IRGZT
RGZ / 48QFN Quad Flatpack
250
–40°C to 85°C
Tape and Reel
No-Lead
DAC3282IRGZR
2500
(1)
Thermal Pad Size: 5,6 mm x 5,6 mm
(2)
MSL Peak Temperature: Level-3-260C-168 HR
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC3282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
484Kb / 49P
Wideband Transmit-Receive Digital Signal Processors
DAC3282IRGZR TI-DAC3282IRGZR Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282IRGZR TI-DAC3282IRGZR Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com