Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
Register name: CONFIG19 – Address: 0x13, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG
0x13
7
bequalsa
When asserted the DACA data is driven onto DACB.
0
19
6
aequalsb
When asserted the DACB data is driven onto DACA.
0
5
Reserved
Reserved for factory use.
0
4
Unused
Reserved for factory use.
0
3
Unused
Reserved for factory use.
0
2
Unused
Reserved for factory use.
0
1
multi_sync_sel
Selects the signal source for multiple device and clock divider synchronization.
0
multit_sync_sel
Sync Source
0
OSTR
1
FRAME through FIFO handoff
0
rev
Reverse the input bits for the data word. MSB becomes LSB.
0
Register name: CONFIG20 – Address: 0x14, Default: 0x00 (CAUSES AUTOSYNC)
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG20
0x14
7:0
qmc_offseta(7:0)
Lower 8 bits of the DAC A offset correction. The offset is measured in
0x00
DAC LSBs. Writing this register causes an autosync to be
generated. This loads the values of all four qmc_offset registers
(CONFIG20-CONFIG23) into the offset block at the same time. When
updating the offset values CONFIG20 should be written last.
Programming any of the other three registers will not affect the
offset setting.
Register name: CONFIG21 – Address: 0x15, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG21
0x15
7:0
qmc_offsetb(7:0)
Lower 8 bits of the DAC B offset correction. The offset is measured in
0x00
DAC LSBs.
Register name: CONFIG22 – Address: 0x16, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG22
0x16
7:3
qmc_offseta(12:8
Upper 5 bits of the DAC A offset correction.
00000
)
2
Unused
Reserved for factory use.
0
1
Unused
Reserved for factory use.
0
0
Unused
Reserved for factory use.
0
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com