Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 3Page - Texas Instruments DAC3282 Datasheet HTML 4Page - Texas Instruments DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments DAC3282 Datasheet HTML 10Page - Texas Instruments DAC3282 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS
(1)
(continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD33
3.0
3.3
3.6
V
DACVDD18, DIGVDD18, CLKVDD18
1.7
1.8
1.9
V
I(AVDD33)
Analog supply current
96
mA
I(DIGVDD18)
Digital supply current
268
mA
Mode 1(below)
I(DACVDD18)
DAC supply current
74
mA
I(CLKVDD18)
Clock supply current
10
mA
Power down mode analog supply
I(AVDD33)
2
mA
current
Power down mode digital supply
I(DIGVDD18)
3
mA
current
Mode 4 (below)
Power down mode DAC supply
I(DACVDD18)
0.5
mA
current
Power down mode clock supply
I(CLKVDD18)
1
mA
current
Mode 1: fDAC = 625MSPS, 2x interpolation, mixer on,
950
1100
mW
Digital Offset Control on
Mode 2: fDAC = 491.52MSPS, 2x interpolation, Zero-IF
845
mW
Correction Filter on, mixer off, Digital Offset Control on
Mode 3: Sleep Mode, fDAC = 625MSPS, 2X interpolation,
mixer on,
P
Power Dissipation
575
mW
DAC in sleep mode:
CONFIG24 sleepa, sleepb set to 1
Mode 4: Power-Down mode, No clock, static data pattern,
DAC in power-down mode:
15
mW
CONFIG23 clkpath_sleep_a, clkpath_sleepb set to 1
CONFIG24 clkrecv_sleep, sleepa, sleepb set to 1
PSRR
Power Supply Rejection Ratio
DC tested
–0.4
0.4
%/FSR/V
T
Operating Range
–40
25
85
°C
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com