Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments DAC3282 Datasheet HTML 32Page - Texas Instruments DAC3282 Datasheet HTML 33Page - Texas Instruments DAC3282 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
DATACLKP /N
(DDR)
FRAMEP/N
D[7:0]P/N
SAMPLE 0
SAMPLE 1
t(FRAME)
I0
[15:8]
I0
[7:0]
Q0
[15:8]
Q0
[7:0]
I1
[15:8]
I1
[7:0]
Q1
[15:8]
Q1
[7:0]
Frame Align
0
1
2
3
4
5
6
7
FRAME
D[7:0]
FIFOIOutput
FIFOQOutput
ClockHandoff
InputSide
Clockedby DATACLK
OutputSide
ClockedbyFIFOOutClock
(DACCLK/InterpolationFactor)
FIFO:
2 x 16-bitswide
8-samplesdeep
0
1
2
3
4
5
6
7
Sample 0
I0[15:0], Q0[15:0]
Sample 2
I2[15:0], Q2[15:0]
Sample 3
I3[15:0], Q3[15:0]
Sample 4
I4[15:0], Q4[15:0]
Sample 5
I5[15:0], Q5[15:0]
Sample 6
I6[15:0], Q6[15:0]
Sample 7
I7[15:0], Q7[15:0]
Sample 1
I1[15:0], Q1[15:0]
Initial
Position
Initial
Position
32-bit
32-bit
I-data, 16-bit
Q-data, 16-bit
16-bit
16-bit
Data[15:8]
Data[7:0]
x2
Twocycles, oneforI-dataandanother
forQ-data
8-bit
8-bit
WritePointerReset
ReadPointerReset
DAC3282
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
FUNCTIONAL DESCRIPTION
DATA INTERFACE
The DAC3282 has a single 8-bit LVDS bus that accepts dual, 16-bit data input in byte-wide format. Data into the
DAC3282 is formatted according to the diagram shown in Figure 34 where index 0 is the data LSB and index 15
is the data MSB. The data is sampled by DATACLK, a double data rate (DDR) clock.
The FRAME signal is required to indicate the beginning of a frame. The frame signal can be either a pulse or a
periodic signal where the frame period corresponds to 8 samples. The pulse-width (t(FRAME)) needs to be at least
equal to 1/2f the DATACLK period. FRAME is sampled by a rising edge in DATACLK.
The setup and hold requirements listed in the specifications tables must be met to ensure proper sampling.
Figure 34. Byte-Wide Data Transmission Format
INPUT FIFO
The DAC3282 includes a 2-channel, 16-bits wide and 8-samples deep input FIFO which acts as an elastic buffer.
The purpose of the FIFO is to absorb any timing variations between the input data and the internal DAC data
rate clock such as the ones resulting from clock-to-data variations from the data source.
Figure 35 shows the block diagram of the FIFO.
Figure 35. DAC3282 FIFO Block Diagram
Data is written to the device 8-bits at a time on the rising and falling edges of DATACLK. In order to form a
complete 32-bit wide sample (16-bit I-data and 16-bit Q-data) two DATACLK periods are required as shown in
30
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com