Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments DAC3282 Datasheet HTML 32Page - Texas Instruments DAC3282 Datasheet HTML 33Page - Texas Instruments DAC3282 Datasheet HTML 34Page - Texas Instruments DAC3282 Datasheet HTML 35Page - Texas Instruments DAC3282 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
DAC3282
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
Table 4. FIFO Operation Modes
CONFIG0 FIFO Bits
FIFO Mode
fifo_ena
fifo_reset_ena
multi_sync_ena
Enabled
1
1
1
Bypass
0
X
X
Enabled Mode
This is the recommended mode of operation for the DAC3282. In FIFO enabled mode, the FIFO is active and
can be reset continuously or only once during initialization. To reset only once, fifo_reset_ena must be set to 0
after initialization.
Bypass Mode
In FIFO bypass mode, the FIFO block is not used. As a result the input data is handed off from the DATACLK to
the DACCLK domain without any compensation. In this mode the relationship between DATACLK and DACCLK
(t_align) is critical and used as a synchronizing mechanism for the internal logic. Due to the t_align constraint it is
highly recommended that a clock synchronizer device such as Texas Instruments’ CDCM7005 or CDCE62005 is
used to provide both clock inputs. In bypass mode the pointers have no effect on the data path or handoff.
DATA PATTERN CHECKER
The DAC3282 incorporates a simple pattern checker test in order to determine errors in the data interface. The
test mode is enabled by asserting iotest_ena in register CONFIG1. In test mode the analog outputs are
deactivated regardless of the state of TXENABLE.
The data pattern key used for the test is 8 words long and is specified by the contents of iotest_pattern[0:7] in
registers CONFIG9 through CONFIG16. The data pattern key can be modified by changing the contents of these
registers.
The first word in the test frame is determined by a rising edge transition in FRAMEP/N. The test mode
determines if one or more words were received incorrectly by comparing the received data against the data
pattern key. The bits in iotest_results(7:0) in register CONFIG8 indicate which words were received incorrectly.
Furthermore, an error condition will trigger the alarm_from_iotest bit in register CONFIG7. Once set, the
alarm_from_iotest bit must be reset through the serial interface to allow further testing. Alternatively, the
64cnt_ena bit in register CONFIG3 can be enabled to reset the alarms automatically after 64 good samples
without the need for a SIF write to clear the alarm.
FIR FILTERS
The DAC3282 has two FIR filters, a 2x interpolation FIR (FIR0) and a non-interpolating FIR (FIR4) that
compensates for the sinc droop of the DAC on zero-IF applications. The correction filter is placed before the
interpolating filter and can only be used with both FIRs enabled.
Figure 37 shows the magnitude spectrum response for FIR0, a 59-tap interpolating half-band filter. The transition
band is from 0.4 to 0.6 × fIN (the input data rate for the FIR filter) with < 0.002dB of pass-band ripple and > 85 dB
stop-band attenuation. Figure 38 shows the transition band region from 0.36 to 0.46 × fIN. Up to 0.45 × fIN there is
less than 0.5 dB of attenuation.
The DAC sample and hold operation results in the well known sin(x)/x or sinc(x) frequency response shown in
Figure 39 (red line). The DAC3282 has a 5-tap inverse sinc filter (FIR4) placed before the 2x interpolation filter to
compensate for this effect up to 0.2 × fDAC. The inverse sinc filter runs at the input data rate and is operational
only if the 2x interpolation filter is enabled as well, correspondingly the rate of this filter is always half of the DAC
update rate. As a result, the filter cannot completely flatten the frequency response of the sample and hold output
as shown in Figure 39.
Figure 40 shows the magnitude spectrum for FIR4 over the correction range. The inverse sinc filter response
(Figure 40, black line) has approximately the opposite frequency response to sin(x)/x between 0 to 0.2 x fDAC,
resulting in the corrected response in Figure 40 (blue line). Between 0 to 0.2 × fDAC, the inverse sinc filter
compensates for the sample and hold roll-off with less than 0.04-dB error.
32
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com