Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 18Page - Texas Instruments DAC3282 Datasheet HTML 19Page - Texas Instruments DAC3282 Datasheet HTML 20Page - Texas Instruments DAC3282 Datasheet HTML 21Page - Texas Instruments DAC3282 Datasheet HTML 22Page - Texas Instruments DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
DAC3282
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
REGISTER DESCRIPTIONS
Register Map
Table 3. Register Map
(MSB)
(LSB)
Name
Address
Default
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 7
Bit 0
CONFIG0
0x00
0x70
qmc_offset_ena
fifo_ena
fifo_reset_ena
multi_sync_ena
alarm_out_ena
alarm_pol
mixer_func(1:0)
CONFIG1
0x01
0x11
unused
unused
unused
fir_ena
fir4_ena
iotest_ena
unused
twos
CONFIG2
0x02
0x00
unused
unused
unused
unused
output_delay(3:0)
alarm_
alarm_
CONFIG3
0x03
0x10
64cnt_ena
unused
unused
fifo_offset(2:0)
2away_ena
1away_ena
CONFIG4
0x04
0XFF
coarse_daca(3:0)
coarse_dacb(3:0)
CONFIG5
0x05
N/A
tempdata(7:0)
CONFIG6
0x06
0x00
unused
alarm_mask(6:0)
alarm_from_
alarm_fifo_
alarm_fifo_
alarm_fifo_
CONFIG7
0x07
0x00
unused
reserved
alarm_from_ iotest
unused
zerochk
collision
2away
1away
CONFIG8
0x08
0x00
iotest_results(7:0)
CONFIG9
0x09
0x7A
iotest_pattern0(7:0)
CONFIG10
0x0A
0xB6
iotest_pattern1(7:0)
CONFIG11
0x0B
0xEA
iotest_pattern2(7:0)
CONFIG12
0x0C
0x45
iotest_pattern3(7:0)
CONFIG13
0x0D
0x1A
iotest_pattern4(7:0)
CONFIG14
0x0E
0x16
iotest_pattern5(7:0)
CONFIG15
0x0F
0xAA
iotest_pattern6(7:0)
CONFIG16
0x10
0xC6
iotest_pattern7(7:0)
CONFIG17
0x11
0x00
reserved
reserved
reserved
reserved
daca_
dacb_
clkdiv_
CONFIG18
0x12
0x02
reserved
reserved
unused
complement
complement
sync_ena
multi_
CONFIG19
0x13
0x00
bequalsa
aequalsb
reserved
unused
unused
unused
rev
sync_sel
CONFIG20
0x14
0x00
qmc_offseta(7:0)
CONFIG21
0x15
0x00
qmc_offsetb(7:0)
CONFIG22
0x16
0x00
qmc_offseta(12:8)
unused
unused
unused
clkpath_
clkpath_
CONFIG23
0x17
0x00
qmc_offsetb(12:8)
sif4_ena
sleep_a
sleep_b
CONFIG24
0x18
0x83
tsense_ena
clkrecv_sleep
unused
reserved
sleepb
sleepa
reserved
reserved
CONFIG25
0x19
0x00
reserved
extref_ena
reserved
reserved
CONFIG26
0x1A
0x00
unused
unused
unused
unused
unused
reserved
CONFIG27
0x1B
0x00
reserved
CONFIG28
0x1C
0x00
reserved
CONFIG29
0x1D
0x00
reserved
CONFIG30
0x1E
0x00
reserved
VERSION31
0x1F
0x43
deviceid(1:0)
version(5:0)
22
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com