Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments DAC3282 Datasheet HTML 10Page - Texas Instruments DAC3282 Datasheet HTML 11Page - Texas Instruments DAC3282 Datasheet HTML 12Page - Texas Instruments DAC3282 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS – DIGITAL SPECIFICATIONS
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INTERFACE: D[7:0]P/N, DATACLKP/N, FRAMEP/N(1)
Byte-wide DDR format
fDATA
Input data rate
312.5
MSPS
DATACLK frequency = 625 MHz
1x Interpolation
1250
fBUS
Byte-wide LVDS data transfer rate
MSPS
2x Interpolation
1250
VA,B+
Logic high differential input voltage threshold
175
400
mV
VA,B–
Logic low differential input voltage threshold
–175
–400
mV
VCOM
Input Common Mode
1.0
1.2
2.0
V
ZT
Internal termination
85
110
135
Ω
CL
LVDS Input capacitance
2
pF
TIMING LVDS INPUTS: DATACLKP/N, double edge latching – See Figure 36
Setup time, D[7:0]P/N and FRAMEP/N, valid to
FRAMEP/N latched on rising edge of
ts(DATA)
0
ps
either edge of DATACLKP/N
DATACLKP/N only
Hold time, D[7:0]P/N and FRAMEP/N, valid
FRAMEP/N latched on rising edge of
th(DATA)
400
ps
after either edge of DATACLKP/N
DATACLKP/N only
t(FRAME)
FRAMEP/N pulse width
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
Maximum offset between DATACLKP/N and
FIFO Bypass Mode only
1/2fDACCLK
t_align
ns
DACCLKP/N rising edges
fDACCLK is DACCLK frequency in MHz
–0.55
CLOCK INPUT (DACCLKP/N)
Duty cycle
40%
60%
Differential voltage(2)
0.4
1.0
V
DACCLKP/N Input Frequency
625
MHz
OUTPUT STROBE (OSTRP/N)
fOSTR = fDACCLK / (n × 8 × Interp) where n
fDACCLK /
fOSTR
Frequency
is any positive integer fDACCLK is DACCLK
MHz
(8 x interp)
frequency in MHz
Duty cycle
40%
60%
Differential voltage
0.4
1.0
V
TIMING OSTRP/N Input: DACCLKP/N rising edge latching
Setup time, OSTRP/N valid to rising edge of
ts(OSTR)
200
ps
DACCLKP/N
Hold time, OSTRP/N valid after rising edge of
th(OSTR)
200
ps
DACCLKP/N
CMOS INTERFACE: ALARM_SDO, SDIO, SCLK, SDENB, RESETB, TXENABLE
VIH
High-level input voltage
1.25
V
VIL
Low-level input voltage
0.54
V
IIH
High-level input current
–40
40
mA
IIL
Low-level input current
–40
40
mA
CI
CMOS Input capacitance
2
pF
SDO, SDIO
Iload = –100 mA
DIGVDD18 –0.2
V
VOH
SDO, SDIO
Iload = –2 mA
0.8 x DIGVDD18
V
SDO, SDIO
Iload = 100 mA
0.2
V
VOL
SDO, SDIO
Iload = 2 mA
0.5
V
(1)
See LVDS INPUTS section for terminology.
(2)
Driving the clock input with a differential voltage lower than 1 V will result in degraded performance.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com