Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 20Page - Texas Instruments DAC3282 Datasheet HTML 21Page - Texas Instruments DAC3282 Datasheet HTML 22Page - Texas Instruments DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
(
)
EXTIO
V
coarse_daca/b+1
Rbias
´
DAC3282
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
Register name: CONFIG3 – Address: 0x03, Default: 0x10
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG1
0x00
7
64cnt_ena
This enables resetting the alarms after 64 good samples with the goal
of removing unnecessary errors. For instance, when checking
setup/hold through the pattern checker test, there may initially be
0
errors. Setting this bit removes the need for a SIF write to clear the
alarm register.
6
Unused
Reserved for factory use.
0
5
Unused
Reserved for factory use.
0
When the FIFO is reset, this is the value loaded into the FIFO read
pointer. With this value the initial difference between write and read
4:2
fifo_offset(2:0)
100
pointers can be controlled. This may be helpful in controlling the delay
through the device.
When asserted alarms from the FIFO that represent the write and read
1
alarm_2away_ena
0
pointers being 2 away are enabled.
When asserted alarms from the FIFO that represent the write and read
0
alarm_1away_ena
0
pointers being 1 away are enabled.
Register name: CONFIG4 – Address: 0x04, Default: 0xFF
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG4
0x04
7:4
coarse_daca(3:0)
Scales the output current in 16 equal steps.
1111
3:0
coarse_dacb(3:0)
Scales the output current in 16 equal steps.
1111
Register name: CONFIG5 – Address: 0x05, READ ONLY
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG5
0x05
7:0
tempdata(7:0)
This is the output from the chip temperature sensor. The value of this
register in two’s complement format represents the temperature in
N/A
degrees Celsius. This register must be read with a minimum SCLK
period of 1ms. (Read Only)
Register name: CONFIG6 – Address: 0x06, Default: 0x00
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG6
0x06
7
Unused
Reserved for factory use.
0
6:0
alarm_mask(6:0)
These bits control the masking of the alarm outputs. This means that the
0000000
ALARM_SDO pin will not be asserted if the appropriate bit is set. The
alarm will still show up in the CONFIG7 bits. (0=not masked, 1=
masked).
alarm_mask
Masked Alarm
6
alarm_from_zerochk
5
alarm_fifo_collision
4
reserved
3
alarm_from_iotest
2
not used (expansion)
1
alarm_fifo_2away
0
alarm_fifo_1away
24
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com