Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 17Page - Texas Instruments DAC3282 Datasheet HTML 18Page - Texas Instruments DAC3282 Datasheet HTML 19Page - Texas Instruments DAC3282 Datasheet HTML 20Page - Texas Instruments DAC3282 Datasheet HTML 21Page - Texas Instruments DAC3282 Datasheet HTML 22Page - Texas Instruments DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
rwb
N1
N0
-
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
InstructionCycle
Data TransferCycle
tS(SDENB)
tS( SDIO) tH(SDIO)
tSCLK
tSCLKH
tSCLKL
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
rwb
N1
N0
-
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
InstructionCycle
Data TransferCycle
td (Data)
SDENB
SCLK
SDIO
SDENB
SCLK
SDIOor
ALARM_SDO
D7
D6
D5
D4
D3
D2
D1
D0
ALARM_
SDO
Datan
Datan-1
3-pininterface
4-pininterface
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
Figure 32. Serial Interface Write Timing Diagram
Figure 33 shows the serial interface timing diagram for a DAC3282 read operation. SCLK is the serial interface
clock input to DAC3282. Serial data enable SDENB is an active low input to DAC3282. SDIO is serial data in
during the instruction cycle. In 3 pin configuration, SDIO is data out from DAC3282 during the data transfer
cycle(s), while ALARM_SDO is in a high-impedance state. In 4 pin configuration, ALARM_SDO is data out from
DAC3282 during the data transfer cycle(s). At the end of the data transfer, ALARM_SDO will output low on the
final falling edge of SCLK until the rising edge of SDENB when it will 3-state.
Figure 33. Serial Interface Read Timing Diagram
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com