Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 35Page - Texas Instruments DAC3282 Datasheet HTML 36Page - Texas Instruments DAC3282 Datasheet HTML 37Page - Texas Instruments DAC3282 Datasheet HTML 38Page - Texas Instruments DAC3282 Datasheet HTML 39Page - Texas Instruments DAC3282 Datasheet HTML 40Page - Texas Instruments DAC3282 Datasheet HTML 41Page - Texas Instruments DAC3282 Datasheet HTML 42Page - Texas Instruments DAC3282 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
SDIO
SCLK
TXENABLE
internal
digitalin
DIGVDD 18
GND
SDENB
RESETB
internal
digitalin
DIGVDD 18
GND
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
Table 8. Example LVDS Data Input Levels
Resulting
Resulting Differential
Applied Voltages
Common-Mode
Logical Bit Binary
Voltage
Voltage
Equivalent
VA
VB
VA,B
VCOM
1.4 V
1.0 V
400 mV
1
1.2 V
1.0 V
1.4 V
–400 mV
0
1.2 V
0.8 V
400 mV
1
1.0 V
0.8 V
1.2 V
–400 mV
0
CMOS DIGITAL INPUTS
Figure 47 shows a schematic of the equivalent CMOS digital inputs of the DAC3282. SDIO, SCLK and
TXENABLE have pull-down resistors while SDENB and RESETB have pull-up resistors internal to the DAC3282.
See the specification table for logic thresholds. The pull-up and pull-down circuitry is approximately equivalent to
100k
Ω.
Figure 47. CMOS/TTL Digital Equivalent Input
REFERENCE OPERATION
The DAC3282 uses a bandgap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS to pin BIASJ. The bias current IBIAS through
resistor RBIAS is defined by the on-chip bandgap reference voltage and control amplifier. The default full-scale
output current equals 16 times this bias current and can thus be expressed as:
IOUTFS = 16 × IBIAS = 16 × VEXTIO / RBIAS
Each DAC has a 4-bit independent coarse gain control via coarse_daca(3:0) and coarse_dacb (3:0) in the
CONFIG4 register. Using gain control, the IOUTFS can be expressed as:
IOUTAFS = (DACA_gain + 1) × IBIAS = (DACA_gain + 1) × VEXTIO / RBIAS
IOUTBFS = (DACB_gain + 1) × IBIAS = (DACB_gain + 1) × VEXTIO / RBIAS
Where VEXTIO is the voltage at terminal EXTIO. The bandgap reference voltage delivers an accurate voltage of
1.2V. This reference is active when extref_ena = ‘0’ in CONFIG25. An external decoupling capacitor CEXT of 0.1
mF should be connected externally to terminal EXTIO for compensation. The bandgap reference can additionally
be used for external reference operation. In that case, an external buffer with high impedance input should be
applied in order to limit the bandgap load current to a maximum of 100 nA. The internal reference can be
disabled and overridden by an external reference by setting the CONFIG25 extref_ena control bit. Capacitor CEXT
may hence be omitted. Terminal EXTIO thus serves as either input or output node.
The full-scale output current can be adjusted from 20 mA down to 2 mA by varying resistor RBIAS or changing the
externally applied reference voltage. The internal control amplifier has a wide input range, supporting the
full-scale output current range of 20 dB.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com