Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 21Page - Texas Instruments DAC3282 Datasheet HTML 22Page - Texas Instruments DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
Register name: CONFIG7 – Address: 0x07, Default: 0x00 (WRITE TO CLEAR)
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG7
0x07
7
Unused
Reserved for factory use.
0
6
alarm_from_ zerochk
When this bit is asserted the FIFO write pointer has an all zeros
0
pattern in it. Since this pointer is a shift register, all zeros will
cause the input point to be stuck until the next sync. This alarm
allows checking for this condition.
5
alarm_fifo_ collision
Alarm occurs when the FIFO pointers over/under run each other.
0
4
Reserved
Reserved for factory use.
0
This is asserted when the input data pattern does not match the
3
alarm_from_ iotest
0
pattern in the iotest_pattern registers.
2
Unused
Reserved for factory use.
0
Alarm occurs with the read and write pointers of the FIFO are
1
alarm_fifo_ 2away
0
within 2 addresses of each other.
Alarm occurs with the read and write pointers of the FIFO are
0
alarm_fifo_ 1away
0
within 1 address of each other.
Register name: CONFIG8 – Address: 0x08, Default: 0x00 (WRITE TO CLEAR)
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG8
0x08
7:0
iotest_results(7:0)
The values of these bits tell which bit in the word failed during the
0x00
pattern checker test.
Register name: CONFIG9 – Address: 0x09, Default: 0x7A
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG9
0x09
7:0
iotest_pattern0(7:0)
This is dataword0 in the IO test pattern. It is used with the seven
0x7A
other words to test the input data.
Register name: CONFIG10 – Address: 0x0A, Default: 0xB6
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG10
0x0A
7:0
iotest_pattern1(7:0)
This is dataword1 in the IO test pattern. It is used with the seven
0xB6
other words to test the input data.
Register name: CONFIG11 – Address: 0x0B, Default: 0xEA
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG11
0x0B
7:0
iotest_pattern2(7:0)
This is dataword2 in the IO test pattern. It is used with the seven
0xEA
other words to test the input data.
Register name: CONFIG12 – Address: 0x0C, Default: 0x45
Register
Default
Address
Bit
Name
Function
Name
Value
CONFIG12
0x0C
7:0
iotest_pattern3(7:0)
This is dataword3 in the IO test pattern. It is used with the seven
0x45
other words to test the input data.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com